Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 1 Page - Cirrus Logic

  CS6403 Datasheet HTML 1Page - Cirrus Logic CS6403 Datasheet HTML 2Page - Cirrus Logic CS6403 Datasheet HTML 3Page - Cirrus Logic CS6403 Datasheet HTML 4Page - Cirrus Logic CS6403 Datasheet HTML 5Page - Cirrus Logic CS6403 Datasheet HTML 6Page - Cirrus Logic CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS6403
Echo-Cancelling Codec
Features
l Applicable in:
- Digital-Cellular Hands-Free Phones
- Analog-Cellular Hands-Free Phones
- Office Speaker Phones
- Desktop & Video Teleconferencing
l Echo Cancellation
- Up to 60 dB ERLE
- 512 Tap (64 ms at 8 kHz sampling rate)
- Split Mode For Two Echo Cancellers
l Serial Data/Control Interface
l On-Chip Delta-Sigma Codec
- < 1% THD, 8
Ω Load On Output
- > 70 dB S/(N+D) on Input
- 300-3600 Hz Bandwidth (8 kHz sampling rate)
- Volume Control
- Microphone Preamp
l Automatic Gain Control (AGC)
l No Training Signals Generated
Description
The CS6403 is an application-specific digital signal pro-
cessor optimized for network and acoustic echo
cancellation applications. A high-quality codec is inte-
grated with the processor to provide a complete, low-
cost echo-cancellation solution.
The CS6403 is a fully independent processor that re-
quires no signal processing support to implement its
cancellation functions. Volume control, AGC, and sleep
functions are also provided.
The on-chip ADC and DAC employ over-sampling tech-
nology, which eliminates the need for complex external
anti-aliasing and reconstruction filters, further reducing
system cost.
The CS6403 has a serial interface that is compatible with
most DSPs and PCM codecs. Clock and sync lines con-
trol the transfer of serial data via the separate serial data-
in and data-out pins. Both 16-bit audio data and con-
trol/status information may be multiplexed on this serial
channel using a steering bit.
ORDERING INFORMATION
CS6403-IQ
-40° to +85° C 44-pin TQFP
CS6403-IL
-40° to +85° C 44-pin PLCC
CDB6403
Evaluation Board
I
RESET
DVDD0
1
CONFIG
GPIN0
RESERVED0
6
CLKIN CLKOUTSCLK_RATE0
PVDD
SPKROUTP
SPKROUTN
PGND0
PGND1
MICIN
VCM
SCLK_RATE1
PLL + Clock Manager
CLK_SEL
NC
GPIN1
GPIN3
GPIN2
GPOUT0
GPOUT1
SFRAME
UALAW
SMASTER
SSYNC
SCLK
SDO_1
SYNCOUT
SDI_A
AVDD
DGND0
1
AGND0
1
DSP
Control
Status
A
G
C
High
Pass
Control
Nonlinear
Echo
Control
Volume
Control
Echo Cancellers
Nonlinear
Echo
Control
High
Pass
A
T
T
E
N
VREF
A
T
T
E
N
D/A
A/D
26 dB
Analog I/O
MAR ‘96
DS192PP7


Similar Part No. - CS6403

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CS640525 POWEREX-CS640525 Datasheet
58Kb / 2P
Fast Recovery Single Diode Module 250 Amperes/500 Volts
More results

Similar Description - CS6403

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3410 NSC-TP3410 Datasheet
436Kb / 32P
TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
logo
OKI electronic componet...
MSM7603 OKI-MSM7603 Datasheet
149Kb / 20P
Echo Canceler
MSM7718-01 OKI-MSM7718-01 Datasheet
231Kb / 38P
Echo Canceler with ADPCM CODEC
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
Voice Echo
5th May 98
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
Voice Echo
March 14, 2000
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
DIGITAL ECHO
logo
SamHop Microelectronics...
SM7181 SAMHOP-SM7181 Datasheet
48Kb / 8P
ECHO
SM7183 SAMHOP-SM7183 Datasheet
56Kb / 12P
ECHO
logo
LAPIS Semiconductor Co....
ML7037-003 LAPIS-ML7037-003 Datasheet
853Kb / 87P
Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com