Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 27Page - Cirrus Logic CS6403 Datasheet HTML 28Page - Cirrus Logic CS6403 Datasheet HTML 29Page - Cirrus Logic CS6403 Datasheet HTML 30Page - Cirrus Logic CS6403 Datasheet HTML 31Page - Cirrus Logic CS6403 Datasheet HTML 32Page - Cirrus Logic CS6403 Datasheet HTML 33Page - Cirrus Logic CS6403 Datasheet HTML 34Page - Cirrus Logic CS6403 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
RESERVED2 - PIN 12Q, 18L
Must be grounded in normal operation.
RESERVED3 - PIN 5Q, 11L
Must be grounded in normal operation.
RESERVED4 - PIN 16Q, 22L
Must be grounded in normal operation.
RESERVED5 - PIN 36Q, 42L
Must be grounded in normal operation.
RESERVED6 - PIN 17Q, 23L
Must be grounded in normal operation.
Mode Control
CONFIG - Configuration-control input, PIN 11Q, 17L
CONFIG is used in conjunction with other configuration-control pins to control operating mode
(see Table 2). Serial data is 16-bits long in Mode 2 if CONFIG is high, 8-bits if CONFIG is
low.
SCLK_RATE0 - SCLK frequency control, PIN 29Q, 35L
Used in conjunction with SCLK_RATE1 to set the SCLK frequency when the CS6403 is a
timing slave.
Possible frequencies are 2.048 MHz, 1.024 MHz, and 256 kHz, for
SCLK_RATE1:SCLK_RATE0 being 11, 10, and 00, respectively. However, if the CS6403 is a
timing master (i.e., SMASTER is high), the SCLK frequency may only be 2.048 MHz, so in
this case, SCLK_RATE0 must be high.
SCLK_RATE1 - SCLK frequency control, PIN 30Q, 36L
Used in conjunction with SCLK_RATE0 to set the SCLK frequency when the CS6403 is a
timing slave.
Possible frequencies are 2.048 MHz, 1.024 MHz, and 256 kHz, for
SCLK_RATE1:SCLK_RATE0 being 11, 10, and 00, respectively. However, if the CS6403 is a
timing master (i.e., SMASTER is high), the SCLK frequency may only be 2.048 MHz, so in
this case, SCLK_RATE1 must be high.
SFRAME - SSYNC frame/pulse control, PIN 1Q, 7L
If SFRAME is high, SYNCOUT is high during serial data transactions. If SFRAME is low,
SYNCOUT is pulsed high for one SCLK period before the start of a serial-data transaction.
CS6403
DS192PP6
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com