Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 4 Page - Cirrus Logic

  CS6403 Datasheet HTML 1Page - Cirrus Logic CS6403 Datasheet HTML 2Page - Cirrus Logic CS6403 Datasheet HTML 3Page - Cirrus Logic CS6403 Datasheet HTML 4Page - Cirrus Logic CS6403 Datasheet HTML 5Page - Cirrus Logic CS6403 Datasheet HTML 6Page - Cirrus Logic CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
PHASE-LOCKED LOOP CHARACTERISTICS (TA = 25°C; AVDD, DVDD, and PVDD = +5V;
Input Levels: Logic 0 = 0V, Logic 1 = DVDD)
Parameter
Symbol
Min
Typ
Max
Units
PLL acquisition time
TACQ
0.3
1
ms
PLL frequency range
23.35
24.58
25.80
MHz
PLL jitter
200
ps rms
Input ref frequency
1.95
0.97
243
2.048
1.024
256
2.15
1.08
268
MHz
MHz
kHz
DIGITAL CHARACTERISTICS (TA = 25°C; AVDD, DVDD, and PVDD = 5V)
Parameter
Symbol
Min
Typ
Max
Units
High-level Input Voltage
VIH
DVDD - 1.0
-
-
V
Low-level Input Voltage
VIL
--
1.0
V
High-level Output Voltage at I0 = -2.0 mA
VOH
DVDD - 0.3
-
-
V
Low-level Output Voltage at I0 = +2.0 mA
VOL
--
0.3
V
Input Leakage Current
(Digital Inputs)
IIN
--
10
µA
Output Leakage Current
(High-Z Digital Outputs)
-
-
10
µA
Output Capacitance
(Note 2)
COUT
--
15
pF
Input Capacitance
(Note 2)
CIN
--
15
pF
ABSOLUTE MAXIMUM RATINGS (All voltages with respect to 0V)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
AVDD
DVDD
PVDD
-0.3
-
6.0
V
Input Current
Except Supply Pins & Driver Pins
IIN
--
10.0
mA
Short Circuit Current Limit SPKROUT pins
(Note 10)
ISC
-
-
500
mA
Analog Input Voltage
VINA
-0.3
-
AVDD + 0.3
V
Digital Input Voltage
VIND
-0.3
-
DVDD + 0.3
V
Ambient Temperature
(Power Applied)
TAMAX
-55
-
125
°C
Storage Temperature
TSTG
-65
-
150
°C
ESD using human body model (100pF with series 1.5k
Ω)
VESD
2000
-
-
V
Notes: 10. SPKROUTP or SPKROUTN shorted to ground.
Warning:
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS6403
4
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com