Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 21Page - Cirrus Logic CS6403 Datasheet HTML 22Page - Cirrus Logic CS6403 Datasheet HTML 23Page - Cirrus Logic CS6403 Datasheet HTML 24Page - Cirrus Logic CS6403 Datasheet HTML 25Page - Cirrus Logic CS6403 Datasheet HTML 26Page - Cirrus Logic CS6403 Datasheet HTML 27Page - Cirrus Logic CS6403 Datasheet HTML 28Page - Cirrus Logic CS6403 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Several echo-canceller controls are provided in
Mode 2 (16 bit) operation via the SSI control
registers. In addition, visibility and control func-
tions are provided through the general-purpose
I/O pins (see the pin-definition section).
Graded Beta
"Graded Beta" is a performance enhancement
used to improve the convergence speed and as-
ymptotic ERLE performance of the acoustic
echo canceller on the CS6403.
Given a lower
limit to the decay rate of the expected echo re-
sponses, the CS6403 will adjust the updates to
the acoustic echo canceller to take advantage of
that information.
By default, the CS6403 assumes a decay rate of
at least 0.38 dB per ms. Based on experiments
performed at Crystal, the acoustic echo-path de-
cay rate for car interiors tends to be at least one
dB per ms. Offices, on the other hand, tend to
be more "live", with decay rate potentially below
0.38 dB per ms.
Note that the minimum-ex-
pected decay rate can be set via SSI_CR0 bits 3
and 2.
Half-Duplex Suppression
After the CS6403 is powered up or reset, 2-3
seconds of far end and near end speech must be
processed by the echo cancellers to sufficiently
reduce loop-gain and therefore prevent acoustic
howling.
To prevent howling while the echo
cancellers are not properly trained, a half-duplex
echo suppressor is enabled. Once the echo can-
cellers are properly trained, the half-duplex
suppressor is automatically disabled. (Note that
whether the CS6403 is operating in half or full
duplex at any particular time is indicated via the
GPOUT1 output pin).
This half-duplex suppressor works like the sup-
pressor in a half-duplex speakerphone; i.e., it
allows signals to pass through the CS6403 in
only one direction at a time. The talker at one
end of a conversation cannot be heard at the
other end until the talker at the other end is si-
lent.
The half-duplex algorithm in the CS6403 has
been designed to discriminate between noise and
speech, and should provide good performance in
noisy environments.
Full-Duplex Suppression
After the echo cancellers have been trained, the
half-duplex suppressor is automatically disabled.
This transition occurs when the ERLE perform-
ance of the echo cancellers exceeds a fixed
threshold.
In some cases, due to impairments like non-
linearities, the echo cancellers may not provide
sufficient ERLE.
To accommodate such situ-
ations, the CS6403 provides supplementary
full-duplex suppression.
This full-duplex sup-
pression technique provides additional ERLE
using dynamic gain-control and accounts for the
"Non-linear Echo Control" block in Figure 3.
Operation in Noise
The CS6403 echo cancellers have been designed
to give good performance in noisy environments.
However, for best performance, the echo cancel-
lers should be trained in a lo w-noise
environment.
If the noise level is high during
the training interval, the echo canceller may not
be able to achieve enough ERLE to transition
out of half duplex, regardless of how much
speech is received.
If the noise level subsequently drops sufficiently
while a speech training signal is present, the
echo canceller can train, allowing the CS6403 to
transition to full duplex. If the noise level then
increases, the echo canceller will use the path-re-
sponse estimate calculated while the noise level
was low, allowing the echo canceller to remain
in full duplex.
CS6403
DS192PP6
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com