Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 37Page - Cirrus Logic CS6403 Datasheet HTML 38Page - Cirrus Logic CS6403 Datasheet HTML 39Page - Cirrus Logic CS6403 Datasheet HTML 40Page - Cirrus Logic CS6403 Datasheet HTML 41Page - Cirrus Logic CS6403 Datasheet HTML 42Page - Cirrus Logic CS6403 Datasheet HTML 43Page - Cirrus Logic CS6403 Datasheet HTML 44Page - Cirrus Logic CS6403 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
The far-end input gain is determined by R2, R3,
R9, and R10 which are all currently 10k
Ω. The
resistors are part of a differential amplifier whose
gain is (-R2/R3). Note that R2 and R9 should
have the same value, as should R3 and R10.
Both FE_IN+ and FE_IN- are connected through
a 0.1
µF DC blocking capacitor.
The far-end output drive capability can be
boosted by using the PI, PO+ and PO- pins of
the MC145480. PI and PO- are equivalent to the
inverting input and output, respectively, of an
opamp. PO+ and PO- are differential drivers ca-
pable of driving a 150
Ω load. Easy access to PI,
PO-, and PO+ is provided through J5, J6, and J7,
respectively. See the MC145480 datasheet and
Figure 5 for more details.
EPLD
The EMP7032 EPLD from Altera handles some
miscellaneous logic functions on the evaluation
board, but is not necessary for operation. It is
mainly used to encode the Algorithm Control
Switches (SW2-6) to the GPIN2/1/0 pins. It also
buffers the DIP switches, and it provides in-
verters for the LED bank.
The encoding of SW2-6 could have been done
without using programmable logic, but the
EPLD assures that only legal combinations of
buttons are accepted for all modes of operation
of the evaluation board. The EPLD provides the
function of several buffers, inverters, and
AND/OR gates. A Schmitt-trigger inverter U101
is added to provide hardware debouncing of the
switches.
An added benefit of the EPLD is that it demon-
strates effective use of separate ground planes for
analog and digital components. Although all of
the digital logic in the EPLD is relatively static,
the CDB6403 provides a good example of how
to split the digital and analog sides of a board.
Note that the CS6403 resides completely on the
analog side of the board and digital signals cross
the break in the ground planes by taking the
shortest possible route.
RO+
RO-
PI
PO-
PO+
VDD
FSR
DR
BCLKR
PDI
VAG
TI+
TI-
TG
MU/A
VSS
FST
DT
BCLKT
MCLK
AGND
R9
10k
20
C8
X7R
0.1
µF
R10
10k
0.1
µF
FE_IN-
18
R3
10k
C11
X7R
FE_IN+
10k
R2
0.1
µF
C9
X7R
19
17
UALAW
15
16
AGND
SYNCOUT
SDI
SCLK
14
13
11
12
1
3
2
4
6
5
7
8
10
9
X7R
0.1
µF
C5
FE_OUT+
FE_OUT-
+5VA
SDO
CONFIG
U3
MC145480
J5
Figure 5. On-board PCM Codec
CDB6403
DS192DB3
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com