Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 2 Page - Cirrus Logic

  CS6403 Datasheet HTML 1Page - Cirrus Logic CS6403 Datasheet HTML 2Page - Cirrus Logic CS6403 Datasheet HTML 3Page - Cirrus Logic CS6403 Datasheet HTML 4Page - Cirrus Logic CS6403 Datasheet HTML 5Page - Cirrus Logic CS6403 Datasheet HTML 6Page - Cirrus Logic CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
ADC CHARACTERISTICS (TA = 25 °C; All DVDD, AVDD, and PVDD = 5.0V, Digital Input Levels:
Logic 0 = 0V, Logic 1 = DVDD; Signal test frequency 1kHz, word rate (Fs) = 8kHz, audio signal measurement
bandwidth is 20Hz to 4kHz; Microphone amp gain = 0dB; SPRKOUT outputs connected to 8
Ω load; CLKIN fre-
quency = 8.192MHz; unless otherwise specified) Note 1.
Parameter
Symbol
Min
Typ
Max
Units
ADC Resolution With No Missing Codes
12
-
-
bits
Instantaneous Dynamic Range
IDR
67
72
-
dB
Total Harmonic Distortion at -0.5dBFS signal level
THD
-
0.01
0.05
%
Gain Drift
(Note 2)
-
150
-
ppm/°C
Offset Error
-
0
2
LSB
Full Scale Input Voltage
(Note 3)
0.85
1.0
1.1
Vp
Input Resistance
(at MICIN)
(Note 2)
25
-
-
k
Ω
Input Capacitance
(at MICIN)
(Note 2)
-
15
-
pF
Sample Rate
Fs
-
8
-
kHz
Microphone Amp Gain
(switchable on/off)
24
26
28
dB
Anti-aliasing Rejection
-
30
-
dB
Power Supply Rejection
(1kHz)
PSR
40
-
-
dB
Frequency Response
-0.6
-
0.6
dB
Transition Band
0.45
-
0.6
Fs
Stop Band Rejection
70
-
-
dB
VREF Reference Voltage Output
-
2.0
-
V
VCM Voltage Output
constant load only, >100 k
Ω
-1.0
-
V
Group Delay
(Note 4)
-
1
-
ms
Group Delay Variations vs. Frequency
(Note 4)
-
0.0
-
µs
Notes:
1. Bench testing is done with Crystal part CXT8192 driving CLKIN, automated device testing utilizes
test system provided clock sources.
2. Guaranteed by design/characterization.
3. This is the peak input voltage (in volts) with the mic amp gain set to 0 dB. Peak-to-peak voltage is
2x peak. Input signals will be properly clipped if the peak signal is greater than full scale, but less
than 2x full scale.
4. This group-delay specification is for the ADC only; additional group delay is introduced by the
AGC and high-pass filter that is implemented on the CS6403 in software.
CS6403
2
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com