Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 26Page - Cirrus Logic CS6403 Datasheet HTML 27Page - Cirrus Logic CS6403 Datasheet HTML 28Page - Cirrus Logic CS6403 Datasheet HTML 29Page - Cirrus Logic CS6403 Datasheet HTML 30Page - Cirrus Logic CS6403 Datasheet HTML 31Page - Cirrus Logic CS6403 Datasheet HTML 32Page - Cirrus Logic CS6403 Datasheet HTML 33Page - Cirrus Logic CS6403 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
DVDD0 - Digital supply, PIN 40Q, 2L
Digital +5V supply.
DVDD1 - Digital supply, PIN 39Q, 1L
Digital +5V supply.
PGND0 - Speaker-driver ground, PIN 18Q, 24L
Speaker driver ground.
PGND1 - Speaker-driver ground, PIN 22Q, 28L
Speaker driver ground.
PVDD - Speaker-driver supply, PIN 20Q, 26L
Speaker-driver +5V supply.
Analog I/O
MICIN - ADC input, PIN 28Q, 34L
Audio analog input.
SPKROUTN - DAC inverted output, PIN 19Q, 25L
Negative differential speaker-driver output. The voltage on SPKROUTN will decrease if the
DAC value is increased.
SPKROUTP - DAC output, PIN 21Q, 27L
Positive differential speaker-driver output.
The voltage on SPKROUTP will increase if the
DAC value is increased.
VCM - Voltage reference common out, PIN 24Q, 30L
No time-varying loads should be attached to VCM. Output voltage is about 1V into a load of
not less than 100k
Ω. Must be connected to AGND0 via a 1 µF and a 0.1 µF capacitors.
Connections should be made with short, fat traces.
VREF - Voltage reference bypass out, PIN 25Q, 31L
Voltage reference used internal to the CS6403. Must be connected to AGND0 via a 1
µF and a
0.1
µF capacitors. Connections should be made with short, fat traces. No external loads should
be connected to VREF.
Reserved
RESERVED0 - PIN 14Q, 20L
Must be grounded in normal operation.
RESERVED1 - PIN 10Q, 16L
Must be held high in normal operation.
CS6403
30
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com