Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 9Page - Cirrus Logic CS6403 Datasheet HTML 10Page - Cirrus Logic CS6403 Datasheet HTML 11Page - Cirrus Logic CS6403 Datasheet HTML 12Page - Cirrus Logic CS6403 Datasheet HTML 13Page - Cirrus Logic CS6403 Datasheet HTML 14Page - Cirrus Logic CS6403 Datasheet HTML 15Page - Cirrus Logic CS6403 Datasheet HTML 16Page - Cirrus Logic CS6403 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
cept for the SSI, though writes to any control bit
except RST are ignored. Power down is not en-
abled.
Upon exiting Reset, control registers and RAM
are cleared, and then control constants are loaded
into Data RAM from the Program ROM.
Power-Down
Power Down is initiated by setting the Sleep bit
in SSI Control Register 0 (SLP: SSI_CR0.10).
In Power Down, the CPU and the AFP are pow-
ered down, but the SSI and the Codec are still
operational. Power Down is only accessible in
Mode 2 (16-bit).
Since the SSI and the Codec are active during
Power Down, it is possible to serially transfer
SDI
SCLK
SSYNC
SDO
NC
AVDD
AGND0
CLKIN
CLKOUT
RESET
System
Reset
SPKROUTP
SPKROUTN
VREF
VCM
+5V Analog
Supply
0.1
µF
SYNCOUT
FSR
FST
BCLKR
BCLKT
DR
DT
MICIN
Microphone
Phantom Power
Supply
AGND1
DGND0
GPOUT0
GPOUT1
0.1
µF
2.2k
Ω
0.47
µF
0.022
µF
NPO
150
Ω
Microphone
8.192MHz
PVDD
PGND1
PGND0
10
µF
2
Ω
0.1
µF
DGND1
DVDD1
DVDD0
33 pF
33 pF
CS6403
+
Digital
Ground
Analog
Ground
Speaker
Ground
UALAW
8
Ω
1
µF
1
µF
+
+
External
µ-law
Codec
1
µF
+
++
MCLK
SFRAME
RESERVED1
SMASTER
470 pF
CLK_SEL
CONFIG
GPIN3
GPIN0
GPIN1
GPIN2
RESERVED2
RESERVED6
RESERVED0
RESERVED3
RESERVED4
RESERVED5
SCLK_RATE0
SCLK_RATE1
0.1
µF
0.1
µF0.1 µF0.1 µΦ0.1 µΦ
Figure 5. External Mu-law Codec Connection Diagram
CS6403
DS192PP6
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com