Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 18Page - Cirrus Logic CS6403 Datasheet HTML 19Page - Cirrus Logic CS6403 Datasheet HTML 20Page - Cirrus Logic CS6403 Datasheet HTML 21Page - Cirrus Logic CS6403 Datasheet HTML 22Page - Cirrus Logic CS6403 Datasheet HTML 23Page - Cirrus Logic CS6403 Datasheet HTML 24Page - Cirrus Logic CS6403 Datasheet HTML 25Page - Cirrus Logic CS6403 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Register SSI_CR2
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
PDC
PDSD
MGD
res
res
res
res
res
AV3
AV2
AV1
AV0
00
00
00
00
00
00
This register is cleared at Reset by the SSI. This register is read/written by the CPU every sample time.
BIT
NAME
VALUE
FUNCTION
PDC
Power Down Codec
0
R
1
Normal operation.
The entire codec is powered down.
PDSD
Power Down Speaker
Driver
0
R
1
Normal operation.
Only the speaker driver in the codec is powered
down.
MGD
Microphone 26 dB Gain
Disable
0
R
1
Normal operation.
The 26 dB microphone preamp is bypassed.
res
Reserved for test
00000
R
Must be 00000.
AV3-AV0
ADC Volume
0000
R
.
.
1111
ADC volume control is implemented in the CPU, with
the attenuation being -3 dB times the ADC-volume
value.
"R" indicates value after Reset
CS6403
22
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com