Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 22Page - Cirrus Logic CS6403 Datasheet HTML 23Page - Cirrus Logic CS6403 Datasheet HTML 24Page - Cirrus Logic CS6403 Datasheet HTML 25Page - Cirrus Logic CS6403 Datasheet HTML 26Page - Cirrus Logic CS6403 Datasheet HTML 27Page - Cirrus Logic CS6403 Datasheet HTML 28Page - Cirrus Logic CS6403 Datasheet HTML 29Page - Cirrus Logic CS6403 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Automatic Gain Control (AGC)
By default, automatic gain-control is provided in
the far-end receive path (see Figure 3). This
AGC provides dynamic gain changes to keep the
signal strength at the near-end output the same
for weak and strong far-end input signals.
The
AGC may be disabled either via AGCD:
SSI_CR1.10, or by setting the volume control to
level 10.
Real-time controls
The GPIN pins allow real-time control over
common functions such as mute, volume control,
half-duplex control, and echo canceller status.
GPIN3 controls the microphone gain stage status
at reset and mute after reset (see Table 4).
GPIN2, GPIN1, and GPIN0 work in concert to
implement volume control, half-duplex dis-
able/enable, and filter coefficient control.
GPIN3
GPIN3 controls two chip functions: microphone
gain stage and mute.
Immediately after reset,
GPIN3 is sampled and, if high, the 26dB micro-
p h o n e ga in sta g e is disa bled.
With the
microphone gain disabled, full scale input is 1
Vp. With the microphone gain enabled, full scale
is 50 mVp.
1 ms after reset, a change in the state of GPIN3
will mute the transmit path (send all zeroes out
SDO), and set the receive path full on. So, if
GPIN3 was high at reset, setting it low will mute
the microphone.
Restoring the state of GPIN3
will unmute the microphone.
GPIN2/1/0
GPIN2/1/0 act in concert to encode eight states
as described by Table 5 in the pin description
section. These pins are meant to be driven by a
microcontroller or other digital device to allow
user control of the echo canceller.
To enter a
state, the user must apply the appropriate value
at GPIN2/1/0 for 375
µS (3 samples) before the
change will take effect. For example, to increase
the SPKROUT volume by one step, GPIN2/1/0
needs to be: 110.
Applying 110 to GPIN2/1/0
for 375
µS (or longer) will cause the volume to
be raised by 3dB. To again raise the volume by
3dB, the system would have to change state
away from 110 to another state for 375
µS (100
is a don’t care state), then switch back to 110 for
at least 375
µS.
Half-Duplex Disable (011,111)
In some applications, the half-duplex mode of
the CS6403 may be unnecessary or undesirable.
In these cases, the GPIN pins may be used to
d i sab le the half-duplex mode by sett ing
GPIN2/1/0 to either 011 or 111.
Half-Duplex Enable (000)
This state is on by default when the CS6403 is
reset. If the half- duplex mode is disabled using
the 011 or 111 setting, it can be restored by set-
ting GPIN2/1/0 to 000.
Clear Coefficients (001)
Clearing the coefficients of the adaptive filter ef-
fectively disables the echo canceller. This will
force the CS6403 to operate in half- duplex
mode unless half-duplex mode is disabled as de-
scribed above. Clear Coefficients is maintained
only as long as 001 is applied to the GPIN2/1/0
pins.
GPIN3
(at reset)
GPIN3
(1ms after reset)
Action
0
0
26 dB enable, no mute
0
1
26 dB enable, mute
1
0
26 dB disable, mute
1
1
26 dB disable, no mute
Table 4. Mute Controls.
CS6403
26
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com