Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 20Page - Cirrus Logic CS6403 Datasheet HTML 21Page - Cirrus Logic CS6403 Datasheet HTML 22Page - Cirrus Logic CS6403 Datasheet HTML 23Page - Cirrus Logic CS6403 Datasheet HTML 24Page - Cirrus Logic CS6403 Datasheet HTML 25Page - Cirrus Logic CS6403 Datasheet HTML 26Page - Cirrus Logic CS6403 Datasheet HTML 27Page - Cirrus Logic CS6403 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
These processing blocks are described in the fol-
lowing sections.
Echo Cancellers
Echo cancellers provide two benefits to full-du-
p l ex co mm unication syst ems: loop-gain
reduction and echo reduction. Loop-gain reduc-
tion can prevent acoustic instability and acoustic
howling in systems where closed acoustic paths
are present. Echo reduction can prevent a talker
from hearing his own voice reflected back. Such
reflections are particularly annoying in systems
where there is a large transport or coding delay
in the communications paths. An echo canceller
provides echo reduction by estimating the im-
pulse response of the reflecting path, and then
substracting out the echo.
The echo cancellers in the CS6403 are designed
to best cancel echo produced in linear, time-in-
variant paths. Nonlinearities and time variance
in the paths can limit echo return-loss enhance-
ment (ERLE) performance.
A CS6403 provides two echo cancellers: an
acoustic echo canceller, and a network canceller
(see Figure 3). The network canceller removes
reflections due to impedance mismatches in the
network.
The acoustic canceller removes near
end speaker signals that are coupled into the
near-end microphone. In systems where there is
no network echo (e.g., in some ISDN applica-
tions), the network canceller can be disabled,
causing all 64 ms of echo cancellation available
on the CS6403 to be allocated to acoustic echo
cancellation.
This is done by setting NECD:
SSI_CR0.8 = 1.
The echo cancellers on the CS6403 train con-
tinuously using the speech signals (i.e, no special
training signals are generated by the CS6403 at
any time) from the far end (for the acoustic can-
celler) and from the near end (for the network
canceller).
The echo cancellers’ convergence
performance has been optimized for speech; as a
result, testing the echo-canceller performance
with white noise will not give a useful indication
of expected performance.
Digital
Ground
Plane
Note that the CS6403 is
oriented with its digital pins
(pins 1-17 and 29-44)
towards the digital end of
the board.
Digital Logic
Codec
Digital
Signals
Codec
Analog
Signals &
Components
1/8"
>
>
CS6403-IQ
+5V
Ferrite
Bead
Ground
Connection
XTAL
Analog
Ground
Plane
Figure 10. Suggested Layout Guideline
CS6403
24
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com