Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 2Page - Cirrus Logic CS6403 Datasheet HTML 3Page - Cirrus Logic CS6403 Datasheet HTML 4Page - Cirrus Logic CS6403 Datasheet HTML 5Page - Cirrus Logic CS6403 Datasheet HTML 6Page - Cirrus Logic CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic CS6403 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
SWITCHING CHARACTERISTICS (TA = 25°C; AVDD and DVDD = +5V, output loaded with
30 pF; Input Levels: Logic 0 = 0V, Logic 1 = DVDD)
Parameter
Symbol
Min
Typ
Max
Units
Mode 1 - MASTER
Input clock (CLKIN) frequency
CLKIN
7.78
8.192
8.60
MHz
CLKIN low time
tckl
30
-
-
ns
CLKIN high time
tckh
30
-
-
ns
Sample Rate
Fs
-
8
-
kHz
SCLK and SYNCOUT output delay from CLKIN rising
tpd3
-
-
50
ns
SCLK duty cycle
(Note 12)
tsckw
-50
-
%
SCLK rising to SYNCOUT rising
tsr1
-12
30
ns
SCLK rising to SYNCOUT falling
tsf1
-
6
30
ns
SDO delay from SCLK edge
tpd1
-
-
70
ns
SDI setup time to SCLK edge
ts1
15
-
-
ns
SDI hold time from SCLK edge
th1
10
-
-
ns
SDO to Hi-Z state
thz
-
-
50
ns
SDO to non-Hi-Z
bit 1
tnz
5-
-
ns
RESET pulse width high
250
-
-
µs
Mode 2 - SLAVE
Input clock (SCLK) frequency
SCLK
243
0.97
1.95
256
1.024
2.048
268
1.08
2.15
kHz
MHz
MHz
SCLK low time
tckl
150
-
-
ns
SCLK high time
tckh
150
-
-
ns
SYNCOUT output delay from SSYNC rising
tpdsr
-
-
50
ns
SYNCOUT output delay from SSYNC falling
tpdsf
-
-
50
ns
Sample Rate
Fs
-
8
-
kHz
SDI/SSYNC setup time to SCLK edge
ts1
15
-
-
ns
SDI/SSYNC hold time from SCLK edge
th1
10
-
-
ns
SDO delay from SCLK edge
tpd1
-
-
70
ns
SDO to Hi-Z state
bit 16/8
thz
-
-
50
ns
SDO to non-Hi-Z
bit 1
tnz
5-
-
ns
RESET pulse width high
250
-
-
µs
Notes: 12. When the CS6403 is in master mode (SSYNC and SCLK outputs), the SCLK duty cycle is 50%.
The period of SCLK is 4/CLKIN.
CS6403
6
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com