Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 25Page - Cirrus Logic CS6403 Datasheet HTML 26Page - Cirrus Logic CS6403 Datasheet HTML 27Page - Cirrus Logic CS6403 Datasheet HTML 28Page - Cirrus Logic CS6403 Datasheet HTML 29Page - Cirrus Logic CS6403 Datasheet HTML 30Page - Cirrus Logic CS6403 Datasheet HTML 31Page - Cirrus Logic CS6403 Datasheet HTML 32Page - Cirrus Logic CS6403 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Power Supply
AGND0 - Analog ground, PIN 23Q, 29L
Analog ground.
AGND1 - Analog ground, PIN 26Q, 32L
Analog ground.
AVDD - Analog supply, PIN 27Q, 33L
+5V Analog supply.
DGND0 - Digital ground, PIN 37Q, 43L
Digital ground.
DGND1 - Digital ground, PIN 38Q, 44L
Digital ground.
40
42
34
36
38
6
2
4
8
10
1
3
5
7
9
11
23
25
27
29
31
33
28
24
26
30
32
44
12
14
16
18
20
22
analog
digital
CS6403 - IQ
44-pin TQFP
DVDD1
DVDD0
DGND1
RESET
DGND0
SMASTER
RESERVED5
CLKOUT
GPOUT1
CLKIN
GPOUT0
SFRAME
GPIN2
GPIN3
GPIN1
SYNCOUT
GPIN0
NC
SCLK_RATE1
RESERVED3
SCLK_RATE0
SDO
MICIN
SDI
AVDD
SCLK
AGND1
SSYNC
VREF
RESERVED1
VCM
CONFIG
AGND0
RESERVED2
PGND1
UALAW
SPKROUTP
RESERVED0
PVDD
CLK_SEL
SPKROUTN
RESERVED4
PGND0
RESERVED6
CS6403
DS192PP6
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com