Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 4Page - Cirrus Logic CS6403 Datasheet HTML 5Page - Cirrus Logic CS6403 Datasheet HTML 6Page - Cirrus Logic CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic CS6403 Datasheet HTML 10Page - Cirrus Logic CS6403 Datasheet HTML 11Page - Cirrus Logic CS6403 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Echo Canceller Characteristics
The typical Echo Return-Loss Enhancement
(ERLE)
convergence
characteristics
for
the
CS6403 are illustrated in the above diagram
under the following conditions:
• Echo-canceller length: 512 taps
• Echo-canceller initial conditions: zeroed filter
taps, updates disabled until t=0.125s
• Sampling rate: 8 kHz
• Echo path (including microphone, speaker,
and amplifiers):
- spectrally flat
-linear
- duration < 64 ms
- noise free
- time invariant
60.0
40.0
20.0
0.0
Seconds
0.02.0
4.06.0
8.0
ERLE
Speech Training Signal
-0.3
0.0
0.3
Figure 1. Typical ERLE Convergence Characteristics
• Near-end high-pass filter: enabled
• Pre-emphasis filter: enabled
• Graded-beta profile: 64 echo-canceller filter
taps processed per 2x reduction in update gain
• Training signal: speech, full scale
• Unlimited S/(N+D) on linear ADC
Note:
Many of these conditions may be
significantly different in real
applications, resulting in significantly
different measured ERLE performance.
CS6403
8
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com