Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 11Page - Cirrus Logic CS6403 Datasheet HTML 12Page - Cirrus Logic CS6403 Datasheet HTML 13Page - Cirrus Logic CS6403 Datasheet HTML 14Page - Cirrus Logic CS6403 Datasheet HTML 15Page - Cirrus Logic CS6403 Datasheet HTML 16Page - Cirrus Logic CS6403 Datasheet HTML 17Page - Cirrus Logic CS6403 Datasheet HTML 18Page - Cirrus Logic CS6403 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
Interfacing as a Slave to an external DSP
(Mode 2)
When interfacing to an external DSP (Mode 2),
the CS6403 is configured as a slave to the DSP:
SSI; i.e., SCLK, and SSYNC signals are pro-
vided to the CS6403 by the DSP. An example of
the interface circuitry is shown in Figure 7.
In this case, the DSP sends a single start-of-
frame pulse to the SSYNC input one SCLK
period before the start of a data frame.
Since
there is only one SSYNC input, every data frame
includes both a data read from the CS6403 and a
data write to the CS6403. The behavior of the
serial interface is illustrated in Figure 8.
DSP
SDI
SCLK
SSYNC
SDO
CLKIN
CLKOUT
RESET
System
Reset
SPKROUTP
SPKROUTN
VREF
VCM
0.1
µF
SCLK_RATE0
SCLK_RATE1
CONFIG
GPOUT0
GPOUT1
NC
MICIN
Microphone
Phantom Power
Supply
2.2k
Ω
0.47
µF
0.022
µF
NPO
150
Ω
Microphone
0.1
µF
2
Ω
AVDD
AGND0
+5V Analog
Supply
AGND1
DGND0
PVDD
PGND1
PGND0
1
µF
DGND1
DVDD1
DVDD0
SYNCOUT
CS6403
+
Analog
Ground
Digital
Ground
Speaker
Ground
UALAW
1
µF
+
+
8
Ω
+
+
0.1
µF
+
RESERVED1
SFRAME
SMASTER
470 pF
CLK_SEL
GPIN0
GPIN1
GPIN2
GPIN3
RESERVED0
RESERVED2
RESERVED6
RESERVED3
RESERVED4
RESERVED5
1
µF
0.1
µF
10
µF
0.1
µF 0.1 µF 0.1 µF 0.1 µF
Figure 7. DSP Connection Diagram (Mode 2)
CS6403
DS192PP6
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com