Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 33Page - Cirrus Logic CS6403 Datasheet HTML 34Page - Cirrus Logic CS6403 Datasheet HTML 35Page - Cirrus Logic CS6403 Datasheet HTML 36Page - Cirrus Logic CS6403 Datasheet HTML 37Page - Cirrus Logic CS6403 Datasheet HTML 38Page - Cirrus Logic CS6403 Datasheet HTML 39Page - Cirrus Logic CS6403 Datasheet HTML 40Page - Cirrus Logic CS6403 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
37
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB6403
Evaluation Board for CS6403
Features
l Easy access to CS6403 SSI
l Phantom power for microphone
l Easy access to algorithm controls
l Includes far-end codec for stand-alone
operation
l Analog and Digital Patch Area
Description
The CDB6403 allows an end-user to quickly integrate
the CS6403 Echo Cancelling Codec into a system and
evaluate its performance. The board provides everything
needed to enable flexible setup and evaluation. Evalua-
tion requires only a +5 V power supply for standalone
mode testing. Connections for analog audio sources are
provided on the board.
ORDERING INFORMATION
CDB6403
Evaluation Board
I
+
-
PCM
Codec
CS6403
Analog
Patch
Area
SSI
EPLD
Reset
DIP Switch
+5VA
+5VD
AGND
DGND
A
L
G
O
R
I
T
H
M
C
O
N
T
R
O
L
Digital
Patch
Area
FE_IN
FE_OUT
SPKROUT
MICIN
LEDS
+
-
MAR ‘96
DS192DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com