Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 16Page - Cirrus Logic CS6403 Datasheet HTML 17Page - Cirrus Logic CS6403 Datasheet HTML 18Page - Cirrus Logic CS6403 Datasheet HTML 19Page - Cirrus Logic CS6403 Datasheet HTML 20Page - Cirrus Logic CS6403 Datasheet HTML 21Page - Cirrus Logic CS6403 Datasheet HTML 22Page - Cirrus Logic CS6403 Datasheet HTML 23Page - Cirrus Logic CS6403 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Register SSI_CR0 (cont.)
BIT
NAME
VALUE
FUNCTION
GBC1
GBC0-
Graded-Beta Count
Graded-Beta Count - These bits control the rate at
which the update gain decays in the AEC as the
adaptive-filter taps are updated in a particular
sample time. For each setting below, some
number of taps are processed, after which the
update gain is divided by two. The possible
settings are given below:
00
01
10
R
11
Taps Processed
512
64
128
256
Equivalent path-decay rate
0 dB/ms
0.75 dB/ms
0.38 dB/ms
0.19 dB/ms
AECB1
AECB0
AEC Beta
These bits scale the adaptive filter update gain that
is present at the start of each sample time.
00
01
10
R
11
Update Gain
0.25
0.5
1.0
2.0
"R" indicates value after Reset
Recommended settings for D3-D0:
0001
--No graded beta
0111
--"dead" room/car;
0.75 dB/ms path decay
1010
--medium room; (default)
0.28 dB/ms path decay
1100
--large (or "live") room;
0.19 dB/ms decay
CS6403
20
DS192PP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com