Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 29Page - Cirrus Logic CS6403 Datasheet HTML 30Page - Cirrus Logic CS6403 Datasheet HTML 31Page - Cirrus Logic CS6403 Datasheet HTML 32Page - Cirrus Logic CS6403 Datasheet HTML 33Page - Cirrus Logic CS6403 Datasheet HTML 34Page - Cirrus Logic CS6403 Datasheet HTML 35Page - Cirrus Logic CS6403 Datasheet HTML 36Page - Cirrus Logic CS6403 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
GPIN0 - General-purpose input, PIN 31Q, 37L
Refer to Table 5 below.
GPIN1 - General-purpose input, PIN 32Q, 38L
Refer to Table 5 below.
GPIN2 - General-purpose input, PIN 33Q, 39L
Refer to Table 5 below.
GPIN3 - General-purpose input, PIN 2Q, 8L
Disables 26dB microphone gain when high at reset. Controls Mute after reset. See Table 4 for
more details.
GPOUT0 - General-purpose outputs, PIN 34Q, 40L
GPOUT0 is high when a volume change request is made that exceeds the available range.
GPOUT1 - General-purpose outputs, PIN 35Q, 41L
GPOUT1 is high while the CS6403 is in half-duplex mode during initial convergence.
RESET - System reset, PIN 41Q, 3L
RESET must be asserted high for at least two SCLK periods after powerup to place the CS6403
in a known state.
NC - No Connect, PIN 4Q, 10L
NC must be left floating in normal operation.
GPIN2
GPIN1
GPIN0
0
0
0
Move to HD-enable state
0
0
1
Clear coefficients (not debounced)
0
1
0
Don’t care
0
1
1
Move to HD-disable state
1
0
0
Don’t care
1
0
1
Decrease volume one step
1
1
0
Increase volume one step
1
1
1
Move to HD-disable state
Table 5. Algorithmic Controls.
CS6403
DS192PP6
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com