Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 41Page - Cirrus Logic CS6403 Datasheet HTML 42Page - Cirrus Logic CS6403 Datasheet HTML 43Page - Cirrus Logic CS6403 Datasheet HTML 44Page - Cirrus Logic CS6403 Datasheet HTML 45Page - Cirrus Logic CS6403 Datasheet HTML 46Page - Cirrus Logic CS6403 Datasheet HTML 47Page - Cirrus Logic CS6403 Datasheet HTML 48Page - Cirrus Logic CS6403 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
GPIN3
By default, the CS6403 runs with an internal
26dB gain stage on MICIN. This feature is not
desirable in some applications and so GPIN3 is
provided to disable this feature. If the applica-
tion you wish to implement needs the additional
26dB MICIN gain, set GPIN3 to ground, other-
wise set it high.
The 26dB disable/enable status is read only at
reset. If the state of GPIN3 is toggled anytime
after reset, the CS6403 MICIN will be muted.
Mode 1 Setup
To configure the CDB6403 for Mode 1 opera-
tion, the DIP switches should be set as follows
(* indicates a non-mode specific option):
Switch
State
Details
SFRAME
ON*
Pulse-type SYNC
(frame-type should work, also)
SMASTER
OFF CS6403 must source SCLK
SCLK_RATE1
OFF
Mode 1 requires 2.048MHz
SCLK to be generated
SCLK_RATE0
OFF
Mode 1 requires 2.048MHz
SCLK to be generated
CONFIG
ON
Select Mode 1
UALAW
OFF* Select µ-law companding (A-
law should work, also)
GPIN3
ON*
Enable MIC gain
(may not be necessary)
CLK_SEL
ON
Enable on-chip PLL
Connect the far-end signals to FE_IN and
FE_OUT, and the near-end signals to MICIN
and SPKROUT.
Mode 2 Setup
To configure the CDB6403 for Mode 2 opera-
tion, the DIP switches should be set as follows
(* indicates a non-mode specific option):
Switch
State
Details
SFRAME
ON
Pulse-type SYNC
SMASTER
ON
CS6403 must slave to SCLK
SCLK_RATE1 OFF*
Varies based on SCLK
presented to SSI
SCLK_RATE0 OFF*
Varies based on SCLK
presented to SSI
CONFIG
OFF Select Mode 2
UALAW
OFF*
Since data is linear in Mode
2, this does not apply
GPIN3
ON*
Enable MIC gain
(may not be necessary)
CLK_SEL
ON
Enable on-chip PLL
Connect the near-end signals to MICIN and
SPKROUT. The far-end signals should be provided
through the SSI. A DSP serial port is ideal for this.
Setting the CDB6403 up to interface to
line-level signals
Much audio equipment is designed to expect
line-level signals. These signals are a maximum
of 2Vrms or approximately 5.6Vpp.
The
CDB6403 is not configured to handle signals of
this amplitude by default, but can be easily
modified to accommodate it.
To configure the far-end input, FE_IN, to accom-
modate 5.6Vpp, we have to scale down the
signal to 3.15Vpp (full scale input of the
MC145480).
This is easily accomplished by
merely changing R2 and R9 to 5.6k
Ω, which
will change the gain of the differential amplifier
at the input to the MC145480 to 0.56 (3.15/5.6).
CDB6403
DS192DB3
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com