Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6403 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS6403
Description  Echo-Cancelling Codec
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6403 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS6403 Datasheet HTML 5Page - Cirrus Logic CS6403 Datasheet HTML 6Page - Cirrus Logic CS6403 Datasheet HTML 7Page - Cirrus Logic CS6403 Datasheet HTML 8Page - Cirrus Logic CS6403 Datasheet HTML 9Page - Cirrus Logic CS6403 Datasheet HTML 10Page - Cirrus Logic CS6403 Datasheet HTML 11Page - Cirrus Logic CS6403 Datasheet HTML 12Page - Cirrus Logic CS6403 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
OVERVIEW
In hands-free speakerphones, the signal from the
far end may echo about the near-end environ-
ment and then be received at the near-end
microphone.
When heard at the far end, this
echo signal can be very annoying, particularly if
the signal is delayed by transmission or signal-
processing delays.
Voice switching is a particularly simple tech-
nique for eliminating this echo, but since it
imposes half-duplex communication, it seriously
compromises conversation quality.
Echo cancellation can provide high-quality, full-
duplex communication, but typically must be
implemented using expensive digital signal-proc-
essing hardware.
Echo Cancellation in the CS6403
The CS6403 provides high-quality echo cancel-
lation at low cost.
This breakthrough in
cost/performance is made possible on the
CS6403 by custom, application-optimized proc-
essing blocks, which are integrated on a single
die, as shown in Figure 2.
One of these processing blocks is the AFP
(Adaptive Filter Processor).
This block imple-
me nts a 5 1 2 -ta p A F IR ( Ad aptive Finite
Impulse-Response) filter which is updated using
an enhanced least-mean squared (LMS) algo-
rithm. At a sampling rate of 8 kHz, it can cancel
up to 64 ms of echo. By default, 10 ms of the
available 64 ms are allocated to a network can-
celler (NEC), and the remaining 54 ms are
allocated to an acoustic echo canceller (AEC).
RESET
CLKIN CLKOUT
DVDD0
PLL/Oscillator
SSI
CPU
AFP
CODEC
SCLK
SFRAME
SMASTER
SDO
SDI
RESERVED0
DGND0
RESERVED1
GPIN3
CONFIG
GPIN0
GPIN1
GPIN2
SCLK_RATE0 SCLK_RATE1
DVDD1
DGND1
PVDD
PGND0
PGND1
AVDD
SPKROUTP
SPKROUTN
VREF
VCM
MICIN
AGND0
AGND1
GPOUT0
GPOUT1
RESERVED2
RESERVED3
RESERVED4
SSYNC
SYNCOUT
UALAW
NC
RESERVED5
RESERVED6
CLK_SEL
Figure 2. CS6403 Internal Block Diagram
CS6403
DS192PP6
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com