Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 119 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 119 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 115Page - Microchip Technology ATMEGA640 Datasheet HTML 116Page - Microchip Technology ATMEGA640 Datasheet HTML 117Page - Microchip Technology ATMEGA640 Datasheet HTML 118Page - Microchip Technology ATMEGA640 Datasheet HTML 119Page - Microchip Technology ATMEGA640 Datasheet HTML 120Page - Microchip Technology ATMEGA640 Datasheet HTML 121Page - Microchip Technology ATMEGA640 Datasheet HTML 122Page - Microchip Technology ATMEGA640 Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 436 page
background image
119
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The setup of the OC0x should be performed before setting the Data Direction Register for the port pin to output.
The easiest way of setting the OC0x value is to use the Force Output Compare (FOC0x) strobe bits in Normal
mode. The OC0x Registers keep their values even when changing between Waveform Generation modes.
Be aware that the COM0x1:0 bits are not double buffered together with the compare value. Changing the
COM0x1:0 bits will take effect immediately.
16.6 Compare Match Output Unit
The Compare Output mode (COM0x1:0) bits have two functions. The Waveform Generator uses the COM0x1:0
bits for defining the Output Compare (OC0x) state at the next Compare Match. Also, the COM0x1:0 bits control the
OC0x pin output source. Figure 16-4 shows a simplified schematic of the logic affected by the COM0x1:0 bit set-
ting. The I/O Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the general I/O Port
Control Registers (DDR and PORT) that are affected by the COM0x1:0 bits are shown. When referring to the OC0x
state, the reference is for the internal OC0x Register, not the OC0x pin. If a system reset occur, the OC0x Register
is reset to “0”.
Figure 16-4. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC0x) from the Waveform Generator if either
of the COM0x1:0 bits are set. However, the OC0x pin direction (input or output) is still controlled by the Data Direc-
tion Register (DDR) for the port pin. The Data Direction Register bit for the OC0x pin (DDR_OC0x) must be set as
output before the OC0x value is visible on the pin. The port override function is independent of the Waveform Gen-
eration mode.
The design of the Output Compare pin logic allows initialization of the OC0x state before the output is enabled.
Note that some COM0x1:0 bit settings are reserved for certain modes of operation. See “Register Description” on
page 126.
16.6.1
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COM0x1:0 bits differently in Normal, CTC, and PWM modes. For all modes,
setting the COM0x1:0 = 0 tells the Waveform Generator that no action on the OC0x Register is to be performed on
the next Compare Match. For compare output actions in the non-PWM modes refer to Table 16-2 on page 126. For
fast PWM mode, refer to Table 16-3 on page 126, and for phase correct PWM refer to Table 16-4 on page 127.
A change of the COM0x1:0 bits state will have effect at the first Compare Match after the bits are written. For non-
PWM modes, the action can be forced to have immediate effect by using the FOC0x strobe bits.
PORT
DDR
DQ
DQ
OCnx
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCn
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com