Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 121 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 121 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 117Page - Microchip Technology ATMEGA640 Datasheet HTML 118Page - Microchip Technology ATMEGA640 Datasheet HTML 119Page - Microchip Technology ATMEGA640 Datasheet HTML 120Page - Microchip Technology ATMEGA640 Datasheet HTML 121Page - Microchip Technology ATMEGA640 Datasheet HTML 122Page - Microchip Technology ATMEGA640 Datasheet HTML 123Page - Microchip Technology ATMEGA640 Datasheet HTML 124Page - Microchip Technology ATMEGA640 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 436 page
background image
121
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
For generating a waveform output in CTC mode, the OC0A output can be set to toggle its logical level on each
Compare Match by setting the Compare Output mode bits to toggle mode (COM0A1:0 = 1). The OC0A value will
not be visible on the port pin unless the data direction for the pin is set to output. The waveform generated will have
a maximum frequency of fOC0 = fclk_I/O/2 when OCR0A is set to zero (0x00). The waveform frequency is defined by
the following equation:
The N variable represents the prescale factor (1, 8, 64, 256, or 1024).
As for the Normal mode of operation, the TOV0 Flag is set in the same timer clock cycle that the counter counts
from MAX to 0x00.
16.7.3
Fast PWM Mode
The fast Pulse Width Modulation or fast PWM mode (WGM02:0 = 3 or 7) provides a high frequency PWM wave-
form generation option. The fast PWM differs from the other PWM option by its single-slope operation. The counter
counts from BOTTOM to TOP then restarts from BOTTOM. TOP is defined as 0xFF when WGM2:0 = 3, and
OCR0A when WGM2:0 = 7. In non-inverting Compare Output mode, the Output Compare (OC0x) is cleared on the
Compare Match between TCNT0 and OCR0x, and set at BOTTOM. In inverting Compare Output mode, the output
is set on Compare Match and cleared at BOTTOM. Due to the single-slope operation, the operating frequency of
the fast PWM mode can be twice as high as the phase correct PWM mode that use dual-slope operation. This high
frequency makes the fast PWM mode well suited for power regulation, rectification, and DAC applications. High
frequency allows physically small sized external components (coils, capacitors), and therefore reduces total sys-
tem cost.
In fast PWM mode, the counter is incremented until the counter value matches the TOP value. The counter is then
cleared at the following timer clock cycle. The timing diagram for the fast PWM mode is shown in Figure 16-6. The
TCNT0 value is in the timing diagram shown as a histogram for illustrating the single-slope operation. The diagram
includes non-inverted and inverted PWM outputs. The small horizontal line marks on the TCNT0 slopes represent
Compare Matches between OCR0x and TCNT0.
Figure 16-6. Fast PWM Mode, Timing Diagram
fOCnx
fclk_I/O
2 N
1 OCRnx
+


--------------------------------------------------
=
TCNTn
OCRnx Update and
TOVn Interrupt Flag Set
1
Period
2
3
OCnx
OCnx
(COMnx1:0 = 2)
(COMnx1:0 = 3)
OCRnx Interrupt Flag Set
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com