Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 122 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 122 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 118Page - Microchip Technology ATMEGA640 Datasheet HTML 119Page - Microchip Technology ATMEGA640 Datasheet HTML 120Page - Microchip Technology ATMEGA640 Datasheet HTML 121Page - Microchip Technology ATMEGA640 Datasheet HTML 122Page - Microchip Technology ATMEGA640 Datasheet HTML 123Page - Microchip Technology ATMEGA640 Datasheet HTML 124Page - Microchip Technology ATMEGA640 Datasheet HTML 125Page - Microchip Technology ATMEGA640 Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 436 page
background image
122
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
The Timer/Counter Overflow Flag (TOV0) is set each time the counter reaches TOP. If the interrupt is enabled, the
interrupt handler routine can be used for updating the compare value.
In fast PWM mode, the compare unit allows generation of PWM waveforms on the OC0x pins. Setting the
COM0x1:0 bits to two will produce a non-inverted PWM and an inverted PWM output can be generated by setting
the COM0x1:0 to three: Setting the COM0A1:0 bits to one allows the OC0A pin to toggle on Compare Matches if
the WGM02 bit is set. This option is not available for the OC0B pin (see Table 16-3 on page 126). The actual OC0x
value will only be visible on the port pin if the data direction for the port pin is set as output. The PWM waveform is
generated by setting (or clearing) the OC0x Register at the Compare Match between OCR0x and TCNT0, and
clearing (or setting) the OC0x Register at the timer clock cycle the counter is cleared (changes from TOP to
BOTTOM).
The PWM frequency for the output can be calculated by the following equation:
The N variable represents the prescale factor (1, 8, 64, 256, or 1024).
The extreme values for the OCR0A Register represents special cases when generating a PWM waveform output in
the fast PWM mode. If the OCR0A is set equal to BOTTOM, the output will be a narrow spike for each MAX+1
timer clock cycle. Setting the OCR0A equal to MAX will result in a constantly high or low output (depending on the
polarity of the output set by the COM0A1:0 bits).
A frequency (with 50% duty cycle) waveform output in fast PWM mode can be achieved by setting OC0x to toggle
its logical level on each Compare Match (COM0x1:0 = 1). The waveform generated will have a maximum fre-
quency of fOC0 = fclk_I/O/2 when OCR0A is set to zero. This feature is similar to the OC0A toggle in CTC mode,
except the double buffer feature of the Output Compare unit is enabled in the fast PWM mode.
16.7.4
Phase Correct PWM Mode
The phase correct PWM mode (WGM02:0 = 1 or 5) provides a high resolution phase correct PWM waveform gen-
eration option. The phase correct PWM mode is based on a dual-slope operation. The counter counts repeatedly
from BOTTOM to TOP and then from TOP to BOTTOM. TOP is defined as 0xFF when WGM2:0 = 1, and OCR0A
when WGM2:0 = 5. In non-inverting Compare Output mode, the Output Compare (OC0x) is cleared on the Com-
pare Match between TCNT0 and OCR0x while upcounting, and set on the Compare Match while down-counting. In
inverting Output Compare mode, the operation is inverted. The dual-slope operation has lower maximum operation
frequency than single slope operation. However, due to the symmetric feature of the dual-slope PWM modes,
these modes are preferred for motor control applications.
In phase correct PWM mode the counter is incremented until the counter value matches TOP. When the counter
reaches TOP, it changes the count direction. The TCNT0 value will be equal to TOP for one timer clock cycle. The
timing diagram for the phase correct PWM mode is shown on Figure 16-7 on page 123. The TCNT0 value is in the
timing diagram shown as a histogram for illustrating the dual-slope operation. The diagram includes non-inverted
and inverted PWM outputs. The small horizontal line marks on the TCNT0 slopes represent Compare Matches
between OCR0x and TCNT0.
fOCnxPWM
fclk_I/O
N 256
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com