Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 143 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 143 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 139Page - Microchip Technology ATMEGA640 Datasheet HTML 140Page - Microchip Technology ATMEGA640 Datasheet HTML 141Page - Microchip Technology ATMEGA640 Datasheet HTML 142Page - Microchip Technology ATMEGA640 Datasheet HTML 143Page - Microchip Technology ATMEGA640 Datasheet HTML 144Page - Microchip Technology ATMEGA640 Datasheet HTML 145Page - Microchip Technology ATMEGA640 Datasheet HTML 146Page - Microchip Technology ATMEGA640 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 436 page
background image
143
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
17.7.1
Force Output Compare
In non-PWM Waveform Generation modes, the match output of the comparator can be forced by writing a one to
the Force Output Compare (FOCnx) bit. Forcing compare match will not set the OCFnx Flag or reload/clear the
timer, but the OCnx pin will be updated as if a real compare match had occurred (the COMn1:0 bits settings define
whether the OCnx pin is set, cleared or toggled).
17.7.2
Compare Match Blocking by TCNTn Write
All CPU writes to the TCNTn Register will block any compare match that occurs in the next timer clock cycle, even
when the timer is stopped. This feature allows OCRnx to be initialized to the same value as TCNTn without trigger-
ing an interrupt when the Timer/Counter clock is enabled.
17.7.3
Using the Output Compare Unit
Since writing TCNTn in any mode of operation will block all compare matches for one timer clock cycle, there are
risks involved when changing TCNTn when using any of the Output Compare channels, independent of whether
the Timer/Counter is running or not. If the value written to TCNTn equals the OCRnx value, the compare match will
be missed, resulting in incorrect waveform generation. Do not write the TCNTn equal to TOP in PWM modes with
variable TOP values. The compare match for the TOP will be ignored and the counter will continue to 0xFFFF.
Similarly, do not write the TCNTn value equal to BOTTOM when the counter is downcounting.
The setup of the OCnx should be performed before setting the Data Direction Register for the port pin to output.
The easiest way of setting the OCnx value is to use the Force Output Compare (FOCnx) strobe bits in Normal
mode. The OCnx Register keeps its value even when changing between Waveform Generation modes.
Be aware that the COMnx1:0 bits are not double buffered together with the compare value. Changing the COM-
nx1:0 bits will take effect immediately.
17.8 Compare Match Output Unit
The Compare Output mode (COMnx1:0) bits have two functions. The Waveform Generator uses the COMnx1:0
bits for defining the Output Compare (OCnx) state at the next compare match. Secondly the COMnx1:0 bits control
the OCnx pin output source. Figure 17-5 on page 144 shows a simplified schematic of the logic affected by the
COMnx1:0 bit setting. The I/O Registers, I/O bits, and I/O pins in the figure are shown in bold. Only the parts of the
general I/O Port Control Registers (DDR and PORT) that are affected by the COMnx1:0 bits are shown. When
referring to the OCnx state, the reference is for the internal OCnx Register, not the OCnx pin. If a system reset
occur, the OCnx Register is reset to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com