Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 144 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 144 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 140Page - Microchip Technology ATMEGA640 Datasheet HTML 141Page - Microchip Technology ATMEGA640 Datasheet HTML 142Page - Microchip Technology ATMEGA640 Datasheet HTML 143Page - Microchip Technology ATMEGA640 Datasheet HTML 144Page - Microchip Technology ATMEGA640 Datasheet HTML 145Page - Microchip Technology ATMEGA640 Datasheet HTML 146Page - Microchip Technology ATMEGA640 Datasheet HTML 147Page - Microchip Technology ATMEGA640 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 436 page
background image
144
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Figure 17-5. Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OCnx) from the Waveform Generator if either
of the COMnx1:0 bits are set. However, the OCnx pin direction (input or output) is still controlled by the Data Direc-
tion Register (DDR) for the port pin. The Data Direction Register bit for the OCnx pin (DDR_OCnx) must be set as
output before the OCnx value is visible on the pin. The port override function is generally independent of the Wave-
form Generation mode, but there are some exceptions. Refer to Table 17-3 on page 155, Table 17-4 on page 155
and Table 17-5 on page 155 for details.
The design of the Output Compare pin logic allows initialization of the OCnx state before the output is enabled.
Note that some COMnx1:0 bit settings are reserved for certain modes of operation. See “Register Description” on
page 154.
The COMnx1:0 bits have no effect on the Input Capture unit.
17.8.1
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COMnx1:0 bits differently in normal, CTC, and PWM modes. For all modes,
setting the COMnx1:0 = 0 tells the Waveform Generator that no action on the OCnx Register is to be performed on
the next compare match. For compare output actions in the non-PWM modes refer to Table 17-3 on page 155. For
fast PWM mode refer to Table 17-4 on page 155, and for phase correct and phase and frequency correct PWM
refer to Table 17-5 on page 155.
A change of the COMnx1:0 bits state will have effect at the first compare match after the bits are written. For non-
PWM modes, the action can be forced to have immediate effect by using the FOCnx strobe bits.
17.9 Modes of Operation
The mode of operation, that is, the behavior of the Timer/Counter and the Output Compare pins, is defined by the
combination of the Waveform Generation mode (WGMn3:0) and Compare Output mode (COMnx1:0) bits. The
Compare Output mode bits do not affect the counting sequence, while the Waveform Generation mode bits do.
The COMnx1:0 bits control whether the PWM output generated should be inverted or not (inverted or non-inverted
PWM). For non-PWM modes the COMnx1:0 bits control whether the output should be set, cleared or toggle at a
compare match. See “Compare Match Output Unit” on page 143.
PORT
DDR
DQ
DQ
OCnx
Pin
OCnx
DQ
Waveform
Generator
COMnx1
COMnx0
0
1
FOCnx
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com