Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 148 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 148 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 144Page - Microchip Technology ATMEGA640 Datasheet HTML 145Page - Microchip Technology ATMEGA640 Datasheet HTML 146Page - Microchip Technology ATMEGA640 Datasheet HTML 147Page - Microchip Technology ATMEGA640 Datasheet HTML 148Page - Microchip Technology ATMEGA640 Datasheet HTML 149Page - Microchip Technology ATMEGA640 Datasheet HTML 150Page - Microchip Technology ATMEGA640 Datasheet HTML 151Page - Microchip Technology ATMEGA640 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 436 page
background image
148
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
the TCNTn matches TOP. The update is done at the same timer clock cycle as the TCNTn is cleared and the
TOVn Flag is set.
Using the ICRn Register for defining TOP works well when using fixed TOP values. By using ICRn, the OCRnA
Register is free to be used for generating a PWM output on OCnA. However, if the base PWM frequency is actively
changed (by changing the TOP value), using the OCRnA as TOP is clearly a better choice due to its double buffer
feature.
In fast PWM mode, the compare units allow generation of PWM waveforms on the OCnx pins. Setting the COM-
nx1:0 bits to two will produce a non-inverted PWM and an inverted PWM output can be generated by setting the
COMnx1:0 to three (see Table on page 155). The actual OCnx value will only be visible on the port pin if the data
direction for the port pin is set as output (DDR_OCnx). The PWM waveform is generated by setting (or clearing)
the OCnx Register at the compare match between OCRnx and TCNTn, and clearing (or setting) the OCnx Register
at the timer clock cycle the counter is cleared (changes from TOP to BOTTOM).
The PWM frequency for the output can be calculated by the following equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
The extreme values for the OCRnx Register represents special cases when generating a PWM waveform output in
the fast PWM mode. If the OCRnx is set equal to BOTTOM (0x0000) the output will be a narrow spike for each
TOP+1 timer clock cycle. Setting the OCRnx equal to TOP will result in a constant high or low output (depending
on the polarity of the output set by the COMnx1:0 bits).
A frequency (with 50% duty cycle) waveform output in fast PWM mode can be achieved by setting OCnA to toggle
its logical level on each compare match (COMnA1:0 = 1). This applies only if OCR1A is used to define the TOP
value (WGM13:0 = 15). The waveform generated will have a maximum frequency of fOCnA = fclk_I/O/2 when OCRnA
is set to zero (0x0000). This feature is similar to the OCnA toggle in CTC mode, except the double buffer feature of
the Output Compare unit is enabled in the fast PWM mode.
17.9.4
Phase Correct PWM Mode
The phase correct Pulse Width Modulation or phase correct PWM mode (WGMn3:0 = 1, 2, 3, 10, or 11) provides a
high resolution phase correct PWM waveform generation option. The phase correct PWM mode is, like the phase
and frequency correct PWM mode, based on a dual-slope operation. The counter counts repeatedly from BOT-
TOM (0x0000) to TOP and then from TOP to BOTTOM. In non-inverting Compare Output mode, the Output
Compare (OCnx) is cleared on the compare match between TCNTn and OCRnx while upcounting, and set on the
compare match while downcounting. In inverting Output Compare mode, the operation is inverted. The dual-slope
operation has lower maximum operation frequency than single slope operation. However, due to the symmetric
feature of the dual-slope PWM modes, these modes are preferred for motor control applications.
The PWM resolution for the phase correct PWM mode can be fixed to 8-bit, 9-bit, or 10-bit, or defined by either
ICRn or OCRnA. The minimum resolution allowed is 2-bit (ICRn or OCRnA set to 0x0003), and the maximum res-
olution is 16-bit (ICRn or OCRnA set to MAX). The PWM resolution in bits can be calculated by using the following
equation:
In phase correct PWM mode the counter is incremented until the counter value matches either one of the fixed val-
ues 0x00FF, 0x01FF, or 0x03FF (WGMn3:0 = 1, 2, or 3), the value in ICRn (WGMn3:0 = 10), or the value in
OCRnA (WGMn3:0 = 11). The counter has then reached the TOP and changes the count direction. The TCNTn
value will be equal to TOP for one timer clock cycle. The timing diagram for the phase correct PWM mode is shown
fOCnxPWM
fclk_I/O
N
1 TOP
+

-----------------------------------
=
RPCPWM
TOP 1
+

log
2

log
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com