Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA640 Datasheet(PDF) 147 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 147 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 143Page - Microchip Technology ATMEGA640 Datasheet HTML 144Page - Microchip Technology ATMEGA640 Datasheet HTML 145Page - Microchip Technology ATMEGA640 Datasheet HTML 146Page - Microchip Technology ATMEGA640 Datasheet HTML 147Page - Microchip Technology ATMEGA640 Datasheet HTML 148Page - Microchip Technology ATMEGA640 Datasheet HTML 149Page - Microchip Technology ATMEGA640 Datasheet HTML 150Page - Microchip Technology ATMEGA640 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 436 page
background image
147
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
mode well suited for power regulation, rectification, and DAC applications. High frequency allows physically small
sized external components (coils, capacitors), hence reduces total system cost.
The PWM resolution for fast PWM can be fixed to 8-bit, 9-bit, or 10-bit, or defined by either ICRn or OCRnA. The
minimum resolution allowed is 2-bit (ICRn or OCRnA set to 0x0003), and the maximum resolution is 16-bit (ICRn or
OCRnA set to MAX). The PWM resolution in bits can be calculated by using the following equation:
In fast PWM mode the counter is incremented until the counter value matches either one of the fixed values
0x00FF, 0x01FF, or 0x03FF (WGMn3:0 = 5, 6, or 7), the value in ICRn (WGMn3:0 = 14), or the value in OCRnA
(WGMn3:0 = 15). The counter is then cleared at the following timer clock cycle. The timing diagram for the fast
PWM mode is shown in Figure 17-7 on page 147. The figure shows fast PWM mode when OCRnA or ICRn is used
to define TOP. The TCNTn value is in the timing diagram shown as a histogram for illustrating the single-slope
operation. The diagram includes non-inverted and inverted PWM outputs. The small horizontal line marks on the
TCNTn slopes represent compare matches between OCRnx and TCNTn. The OCnx Interrupt Flag will be set when
a compare match occurs.
Figure 17-7. Fast PWM Mode, Timing Diagram
The Timer/Counter Overflow Flag (TOVn) is set each time the counter reaches TOP. In addition the OCnA or ICFn
Flag is set at the same timer clock cycle as TOVn is set when either OCRnA or ICRn is used for defining the TOP
value. If one of the interrupts are enabled, the interrupt handler routine can be used for updating the TOP and com-
pare values.
When changing the TOP value the program must ensure that the new TOP value is higher or equal to the value of
all of the Compare Registers. If the TOP value is lower than any of the Compare Registers, a compare match will
never occur between the TCNTn and the OCRnx. Note that when using fixed TOP values the unused bits are
masked to zero when any of the OCRnx Registers are written.
The procedure for updating ICRn differs from updating OCRnA when used for defining the TOP value. The ICRn
Register is not double buffered. This means that if ICRn is changed to a low value when the counter is running with
none or a low prescaler value, there is a risk that the new ICRn value written is lower than the current value of
TCNTn. The result will then be that the counter will miss the compare match at the TOP value. The counter will
then have to count to the MAX value (0xFFFF) and wrap around starting at 0x0000 before the compare match can
occur. The OCRnA Register however, is double buffered. This feature allows the OCRnA I/O location to be written
anytime. When the OCRnA I/O location is written the value written will be put into the OCRnA Buffer Register. The
OCRnA Compare Register will then be updated with the value in the Buffer Register at the next timer clock cycle
RFPWM
TOP 1
+

log
2

log
-----------------------------------
=
TCNTn
OCRnx / TOP Update
and TOVn Interrupt Flag
Set and OCnA Interrupt
Flag Set or ICFn
Interrupt Flag Set
(Interrupt on TOP)
1
7
Period
2
3
4
5
6
8
OCnx
OCnx
(COMnx1:0 = 2)
(COMnx1:0 = 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com