Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics L9963E Datasheet HTML 46Page - STMicroelectronics L9963E Datasheet HTML 47Page - STMicroelectronics L9963E Datasheet HTML 48Page - STMicroelectronics L9963E Datasheet HTML 49Page - STMicroelectronics L9963E Datasheet HTML 50Page - STMicroelectronics L9963E Datasheet HTML 51Page - STMicroelectronics L9963E Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 184 page
background image
The schematic of the external balancing is shown in the figure above.
The cell stack can be divided into adjacent couples and, for each couple, the even cell is balanced by a PMOS,
while the odd cell is balanced by an NMOS.
For further information refer to Section 6.6.2 Cell balancing with external MOSFETs.
4.7.3
Balancing modes
In order to allow maximum flexibility, the cell balancing process can be performed both in Manual Balancing
mode and Timed Balancing mode. The configuration can be selected by acting on Balmode bit.
In case balancing is interrupted by Voltage Conversion Routine, any unfinished balancing state will be saved,
and will resume once the measurement is done.
It is started writing bal_start = 1 and bal_stop = 0, while it can be stopped by writing the opposite code
(bal_start = 0 and bal_stop = 1). Writing other codes will not alter the status of balancing. Switching from
Manual Balancing mode to Timed Balancing mode will immediately apply the new settings. Balancing will not
be interrupted, unless ThrTimedBalCellxx is set to ‘0’ for a specific cell, causing immediate end of balancing on
it.
The bal_on and eof_bal flags indicate the status of the balancing FSM. Once a balancing task is over. MCU must
program bal_start = 0 and bal_stop = 1 in order to reset the FSM to the idle state.
Table 42. Balancing FSM
bal_on
eof_bal
Balancing Status
0
0
Idle
0
1
Impossible
1
0
Ongoing
1
1
Balancing Over
Note that balancing is performed only on enabled cells (VCELLx_EN = 1). Once balance is started, any change to
VCELLx_EN or BALx will not disable the balancing function on the related cell. To disable balancing, bal_start =
0 and bal_stop = 1 must be programmed.
4.7.3.1
Manual balancing mode
The MCU directly controls the output state of Sn (n=1…14) individually. The start and end time of the balancing
are controlled by bal_start and bal_stop.
To operate manual balancing, follow these steps:
1.
Set Balmode = 01 in the Bal_2 register to configure manual balancing
2.
Set BALxx = 10 in the BalCell14_7act and BalCell6_1act registers to enable balancing on the selected
cells
3.
Set bal_start = 1 and bal_stop = 0 in the Bal_1 register to start balancing
To prevent cell overdischarge due to misconfiguration, Manual Balancing does not support the Silent Balancing
state. Any GO2SLP command or communication timeout will halt the operation and move L9963E to the Sleep
mode, even if slp_bal_conf flag is set.Balancing will not be resumed once the device is woken up.
In order to prevent cells over-discharge, a watchdog timer WDTimedBalTimer, whose timeout is TBAL_TIMEOUT,
is always started at the beginning of each manual balancing start command. In case the timeout expires, the
balancing is stopped and the EoBtimeerror latch is set. FAULT line will also be triggered.
4.7.3.2
Timed balancing mode
The device is able to balance at the same time up to 14 cells. The balancing procedure is the following:
1.
Set Balmode = 10 in the Bal_2 register to configure timed balancing;
2.
The MCU can program up to 14 registers (ThrTimedBalCellxx) to assign each cell with its own balancing
time duration, based on the estimation of the charge to be subtracted;
3.
Set BALxx = 10 in the BalCell14_7act and BalCell6_1act registers to enable balancing on the selected
cells;
4.
Set bal_start = 1 and bal_stop = 0 in the Bal_1 register to start balancing.
L9963E
Cell balancing
DS13636 - Rev 4
page 48/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com