Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 100 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 96Page - STMicroelectronics L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics L9963E Datasheet HTML 100Page - STMicroelectronics L9963E Datasheet HTML 101Page - STMicroelectronics L9963E Datasheet HTML 102Page - STMicroelectronics L9963E Datasheet HTML 103Page - STMicroelectronics L9963E Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 184 page
background image
Table 70. NCYCLE counter and optional step periodicity
NCYCLE COUNTER (11 bit)
1024
512
256
128
64
32
16
8
4
2
1
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
STEP LIST
GPIO
X
GPIO Term
X
Cell Term
X
Bal Term
X
ADC BIST
X
Analog Comp
X
The NCYCLE is an 11 bit counter. Optional steps can be configured (via their NCYCLE_X) to be executed every
time a specific bx bit toggles. Once the counter reaches the saturation value (2047), it is designed to roll over.
Hence, operation periodicity is not affected and may continue for an arbitrary number of cycles.
4.12.5
Transition between cyclic wake up and normal states
Any asynchronous event causing L9963E moving to low power states will have the following effect on the voltage
conversion routine:
•
If the OVR_LATCH is set, means that a Configuration Override is ongoing or has occurred and the
command is ignored. In fact, a Configuration Override cannot be interrupted. Moreover, L9963E is locked
in Normal state upon failure detection. Hence, the microcontroller must clear the OVR_LATCH before
transitioning to a different state. The microcontroller has a feedback that the command was discarded
because:
–
The FAULTL line is risen in case of Configuration Override thus propagating the fault down to the
micro.
–
The Configuration Override latch is set (OVR_LATCH = 1).
•
However, if the MCU does not respond within the communication timeout, the device will move to sleep
anyway.
•
If no failure occurred, any ongoing conversion activity can be interrupted by a GO2SLP command. The
device will immediately move to a low power state (Sleep, Cyclic Wakeup or Silent Balance).
•
To determine the next state, the CONF_CYCLIC_EN bit will be evaluated:
–
In case CONF_CYCLIC_EN = 1 L9963E will move to Cyclic Wakeup state, where the wakeup timer
is TCYCLE_SLEEP and the voltage acquisition window (TCYCLEADC) is ADC_FILTER_SLEEP. The
TCYCLE_OVF failure is avoided by design, since the ADC_FILTER_SLEEP can be only programmed
among the first 4 values listed in Table 38. This makes TROUTINE < TCYCLE_SLEEP by design.[end]
–
In case CONF_CYCLIC_EN = 0 L9963E will move to Sleep or Silent Bal state depending on
slp_bal_conf.
The dual case is represented by the Cyclic Wakeup → Normal transition. During cyclic wake up, a wake up
condition may occur:
•
If the wake up condition does not involve any Configuration Override (e.g. Microcontroller sent a wake up
frame or FAULTH was interpreted ‘high’), then L9963E will move to Normal state and the cyclic activity will
continue, since CONF_CYCLIC_EN is still ‘1’.
•
In case an internal failure is detected during the routine execution, the internal wakeup condition will move
L9963E to Normal, while Configuration Override takes place.
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 100/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com