Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 94Page - STMicroelectronics L9963E Datasheet HTML 95Page - STMicroelectronics L9963E Datasheet HTML 96Page - STMicroelectronics L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics L9963E Datasheet HTML 100Page - STMicroelectronics L9963E Datasheet HTML 101Page - STMicroelectronics L9963E Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 184 page
background image
•
BIST_BAL_COMP_LS_FAIL: if the BIST on the balance open/short comparator of the Low Side switches
fails (odd cells)
Once this step is over, the HWSC_DONE flag will be set in the SPI registers. It must be cleared upon read by
MCU.
4.12.3.8
Summary of the routine steps
The following table summarizes all the actions performed during routine steps:
Table 67. Summary of the voltage conversion routine steps
Step
Optional
Actions
Duration
Skip based on
Failure
Cell
Conversion
No
All enabled cells
converted + Sum of
Cells
TCYCLEADC
VCELLX_EN
VCELLX_UV
VCELLX_OV
VSUM_UV
VSUM_OV
VCELLX_BAL_UV (maskable)
VBAT
Conversion
No
VBAT pin direct
conversion
TCYCLEADC
VCELLX_EN
VBATTCRIT_OV
VBATTCRIT_UV
GPIO
Conversion
Yes
Conversion of all
GPIOs configured as
analog input
TCYCLEADC_000
GPIOX_CONFIG
GPIOX_OT
GPIOX_UT
GPIOX_fastchg_OT (maskable)
GPIO Terminal
Diagnostics
Yes
Open diagnostic on all
GPIOs configured as
analog input
TGPIO_OPEN_SET +
TCYCLEADC_000
GPIOX_CONFIG GPIOX_OPEN
Cell Terminal
Diagnostics
Yes
Open diagnostic on all
terminals connected to
enabled cells
2(TCxOPEN_SET +
TCYCLEADC)
VCELLX_EN
CELLX_OPEN
Balance
Terminal
Diagnostics
Yes
Open diagnostic on
balance paths of
enabled cells
2TBAL_OL
VCELLX_EN
BALX_OPEN
HardWare Self-
Check (HWSC)
Yes
BIST on all enabled
conversion paths +
Analog comparators
3TCYCLEADC_000
MUX_BIST_FAIL
OPEN_BIST_FAIL
GPIO_BIST_FAIL
VBAT_COMP_BIST_FAIL
VREG_COMP_BIST_FAIL
VCOM_COMP_BIST_FAIL
VTREF_COMP_BIST_FAIL
BIST_BAL_COMP_HS_FAIL
BIST_BAL_COMP_LS_FAIL
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 98/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com