Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 91 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 87Page - STMicroelectronics L9963E Datasheet HTML 88Page - STMicroelectronics L9963E Datasheet HTML 89Page - STMicroelectronics L9963E Datasheet HTML 90Page - STMicroelectronics L9963E Datasheet HTML 91Page - STMicroelectronics L9963E Datasheet HTML 92Page - STMicroelectronics L9963E Datasheet HTML 93Page - STMicroelectronics L9963E Datasheet HTML 94Page - STMicroelectronics L9963E Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 184 page
background image
Table 59. Sampling intervals for the configuration parameters related to cyclic functionality
Parameter
Normal mode
Continuous mode
CONF_CYCLIC_EN
Continuously sampled while DUTY_ON = 0
Every TROUTINE
ADC_FILTER_CYCLE
Every TCYCLE
Every TROUTINE
CYCLIC_CONTINUOUS
Every TCYCLE
Every TROUTINE
BAL_TIM_AUTO_PAUSE
Every TCYCLE
Every TROUTINE
BAL_AUTO_PAUSE
Every TCYCLE
Every TROUTINE
CYCLIC_UPDATE
Every TCYCLE
Every TROUTINE
NCYCLE_X
Every TCYCLE
Every TROUTINE
4.12.2.3
Configuration override
The Configuration Override is a special routine execution mode, which is internally triggered by failure
assertion, independently on the conversion type. It is meant to simplify failure validation and it works according to
the following algorithm.
If a failure is asserted at the x-th routine step, all the following steps will be performed, independently on
their activation or periodicity. Any failure detected during these steps will be latched and available for the
microcontroller to perform failure validation (refer to Figure 26).
•
Finding the OVR_LATCH set means that override occurred:
–
The OVR_LATCH is set upon failure assertion during the routine execution.
–
The OVR_LATCH is released and can be cleared upon read in case the last on-demand execution has
ended without any failure detected (even if failures detected by previous executions are still latched in
diagnostic registers).
–
All fault latches related to measurement registers (e.g. CELLx_UV/OV, GPIO UT/OT, etc.) cannot be
cleared until a new conversion is executed and the root cause fault has disappeared. To understand
the fault status of the last routine execution the MCU SW should observe the OVR_LATCH.
•
In case cyclic mode was activated, routine is not restarted after a Configuration Override. The
OVR_LATCH masks the CONF_CYCLIC_EN configuration. This helps locking the routine status, allowing
the MCU to intervene and observe the snapshot of the last execution.
•
Once Configuration Override is over (DUTY_ON 1 → 0), the voltage conversion routine is kept in idle,
waiting for microcontroller to read diagnostic registers and validate the failure.
•
The following fault handling procedure must be executed once configuration override is over:
1.
MCU must access diagnostic latches and perform correct failure validation as recommended in
Table 60.
2.
MCU must launch On-Demand Conversions (SOC = 1) in order to update measurement registers,
while also disabling any cyclic execution by setting CONF_CYCLIC_EN = 0 in the same SPI frame.
3.
MCU must wait for On-Demand Conversions to be over and evaluate routine result by reading the
ADCV_CONV register. A read operation on such a register would reset the OVR_LATCH in case the
execution launched at step 2 ended with no failure:
◦
In case failure persists, the read operation will not reset the OVR_LATCH. Return to step 1.
◦
In case failure disappeared, reading the ADCV_CONV register will also reset the OVR_LATCH.
Proceed to step 4.
4.
Read all diagnostic latches in order to clear them.
5.
(Optional) Restart any cyclic execution by setting CONF_CYCLIC_EN = 1
Writing ADCV_CONV and NCYCLE_PROG_X registers during a Configuration Override is strongly not
recommended, since it might affect the failure validation. The configuration override is performed keeping the
same ADC filter settings programmed for the execution mode that was being executed. For instance, if it
occurs during On-Demand Conversions, the ADC_FILTER_SOC will be used; in case it interrupts Cyclic
Conversions, the ADC_FILTER_CYCLE or the ADC_FILTER_SLEEP will be used, depending on the device
status. Microcontroller is able to detect the Configuration Override activity by polling the voltage conversion
routine status as shown in Table 56.
The steps of the voltage conversion routine have been arranged in a fixed order, engineered to allow failure
validation in every possible scenario thanks to the Configuration Override capability:
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 91/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com