Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 14Page - STMicroelectronics L9963E Datasheet HTML 15Page - STMicroelectronics L9963E Datasheet HTML 16Page - STMicroelectronics L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 184 page
background image
The device is still able to communicate if VTREF and Bootstrap power up fails: VCOM regulator is started anyway.
It is not recommended to send any SPI frame to the device before TWAKEUP expires. Any incoming frame while
L9963E is still performing the power up routine might be discarded.
4.1.5
Silent Balancing state
There is the possibility to perform the balancing of one (or more) cells with a reduced current consumption with
respect to doing that in Normal mode: this state is called Silent Balancing.
In Silent_Bal the same resources as in Sleep state are active, in addition to the balance predrivers and the
necessary bias circuitry.
To enter in Silent Balancing state from Normal state, the following conditions shall be verified:
1.
Cell balancing must be ON
2.
The slp_bal_conf flag shall be set to ‘1’
3.
A “go to sleep” condition shall be verified (either an explicit GO2SLP command or communication timeout
expiration)
If a cell balancing is previously demanded in Normal mode and the slp_bal_conf flag is set to 1, when a
condition to go to sleep (low consumption) occurs the device enters Silent Balancing, not Sleep state and the
required cell-balancing starts (or continues).
3 possible leaving ways from Silent Balancing mode:
•
any wake up signal on communication or FAULT Line can force the chip to stop the balancing and then go
back to the Normal state. Any protocol frame recognized as electrically consistent will wake up the device.
However, the command will not be interpreted and thus no execution takes place.
•
An external Fault must bring the device to Normal state and stop the balancing.
•
As soon as the required balancing target is finished, the EOB (End of Balancing) bit is set to one and the
chip enters the Sleep state.
•
If the Cyclic signal is raised the device goes to Cyclic_Wup state, runs the diagnosis then it goes back to
Silent Balancing (if slp_bal_conf flag = 1) where the balancing resumes
4.1.5.1
Operations in Silent Balancing state
Here below a list of operations the device can perform during Silent Balancing state.
Table 9. Opeations in Silent Balancing state
Operation
Timing mode
Functions involved
Balancing low power
Always ON
Balancing timer, Drivers ON, Balance short comparators
Wakeup management
Always ON
Wakeup logic and wakeup sources interfaces ON
4.1.6
Cyclic wake up state
From both Sleep and Silent Balancing states, the device moves periodically (once every tCYCLIC_SLEEP) to
Cyclic_Wup state in order to perform a fault monitoring.
Diagnostic checks are done in this state as well as always-on monitorings. ADC must be ON to check possible
critical battery conditions. Any detected fault moves the device to the Normal state.
An “On-demand” operation is only possible once the device has moved to Normal in case of any detected fault
Possible ways to leave this state:
•
Any fault detected during this mode moves the device to the Normal state.
•
A wake up from Fault line or Comm lines moves the device to the Normal state. Any protocol frame
recognized as electrically consistent will wakeup the device. However, the command will not be interpreted
and thus no execution takes place
•
If the defined monitoring tasks are finished, the device can move to the SLEEP or SILENT BALANCING
states automatically based on the state before Cyclic Conversions (slp_bal_conf flag).
4.1.6.1
Operations in Cyclic wake up state
Here below a list of operations the device can perform during Cyclic wake up state.
L9963E
Device functional state
DS13636 - Rev 4
page 18/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com