Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 53Page - STMicroelectronics L9963E Datasheet HTML 54Page - STMicroelectronics L9963E Datasheet HTML 55Page - STMicroelectronics L9963E Datasheet HTML 56Page - STMicroelectronics L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics L9963E Datasheet HTML 60Page - STMicroelectronics L9963E Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VVTREF_UV_HYS
Under voltage monitor
hysteresis
100
250
mV
VVTREF_OV
Over voltage monitor
5.25
5.5
5.75
V
VVTREF_OV_HYS
Under voltage monitor
hysteresis
100
250
mV
TVTREF_FILT
UV/OV filter
Tested in SCAN
17
20
23
μs
VANA
Regulated voltage
Tested with external Iload = 0,
10 mA
5.8 V < VREG < 7.2 V
3.15
3.3
3.45
V
IVANA_curr_lim
Current limitation
Measured with VANA = 2.5 V
35
60
85
mA
VVANA_UV
Under voltage monitor
2.6
2.75
2.9
V
VVANA_UV_HYS
Under voltage monitor
hysteresis
50
150
mV
VVANA_OV
Over voltage monitor
3.6
4
V
VVANA_OV_HYS
Over voltage monitor hysteresis
50
200
mV
TVANA_OV_FILT
VANA Over voltage filter time
Tested in SCAN
17
20
23
μs
VVANA_POR_LH
Power on reset going out of
POR
2.7
2.85
3
V
VVANA_POR_HL
Power on reset going into POR
2.6
2.75
2.9
V
VVANA_POR_HYS
POR monitor hysteresis
50
150
mV
VDIG
Regulated voltage
Tested with external Iload = 0
5.8 V < VREG < 7.2 V
3.15
3.3
3.45
V
VVDIG_UV
Under voltage monitor
2.6
2.75
2.9
V
VVDIG_UV_HYS
Under voltage monitor
hysteresis
50
150
mV
VVDIG_OV
Over voltage monitor
3.6
4
V
VVDIG_OV_HYS
Under voltage monitor
hysteresis
50
200
mV
TVDIG_FILT
UV/OV filter
Tested in SCAN
17
20
23
μs
TPOR_FILT
Power on reset filter
4
16
μs
TPOR_FILT_LH
2.5
7.5
μs
VBOOT
CAP2 voltage during bootstrap
phase
VBAT+2.5 V +
840 mV (840
mV = 6.5
mA*128 μs/1
μF) Design info
V
TBOOT_PHASE
Bootstrap phase duration
Tested in SCAN
128
μs
TRELOAD_PHASE
Bootstrap reload phase duration Tested in SCAN
17
μs
IVBOOT_CURR
Bootstrap charge current for
external cap
Bootstrap charge phase,
CAP1 = 2 V, measured sinked
current between CAP1 and
GND
30
65
100
mA
CCB
External capacitance between
CAP1 and CAP2 pins
Application info
0.7
1
1.3
μF
TGND_LOSS_filter
GND loss digital filter time
Tested in SCAN
300
μs
L9963E
Device regulators
DS13636 - Rev 4
page 57/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com