Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 35Page - STMicroelectronics L9963E Datasheet HTML 36Page - STMicroelectronics L9963E Datasheet HTML 37Page - STMicroelectronics L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 184 page
background image
When disabling heartbeat mode (HeartBeat_En 1 è 0) or when moving to a low power state (GO2SLP),
L9963E switches immediately from TFIL_H_LONG to TFIL_H_SHORT. It is MCU responsibility to handle this transition
correctly, avoiding false FAULTH detection (see Figure 15 as an example).
Follow this procedure:
1.
Send a broadcast frame with FaultH_EN = 0 and HeartBeat_En = 0 in order to disable both heartbeat and
fault receiver;
2.
Wait for THB_CYCLE_000 (4 ms);
3.
Send a broadcast frame with FaultH_EN = 1 to re-enable the fault receiver;
4.
(Optional) Send the GO2SLP command.
Figure 15. False failure detection due to sudden heartbeat disable during the duty phase
4.3.4
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V ; -40 °C < Tambient < 105 °C
Table 37. Heart beat electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
THB_PULSE
High level HeartBeat Pulse
duration when HeartBeat
function is enabled
Tested by SCAN
-
500
-
μs
THB_CYCLE
Programmable HeartBeat
cycle duration
Tested by SCAN HeartBeatCycle = 000
-
4
-
ms
Tested by SCAN HeartBeatCycle = 001
-
8
-
ms
Tested by SCAN HeartBeatCycle = 010
-
32
-
ms
Tested by SCAN HeartBeatCycle = 011
-
128
-
ms
TFIL_H_SHORT
Tested by SCAN
-
300
-
μs
TFIL_H_LONG
Tested by SCAN
-
3.5
-
ms
L9963E
FAULT line
DS13636 - Rev 4
page 39/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com