Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics L9963E Datasheet HTML 45Page - STMicroelectronics L9963E Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 184 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCELL_NOISE1
TCYCLEADC = TCYCLEADC_000
0.1 V ≤ VCELL ≤ 5 V
-40 °C < TJ < 125 °C
600
μVrms
VCELL_NOISE2
TCYCLEADC = TCYCLEADC_001
0.1 V ≤ VCELL ≤ 5 V
-40 °C < TJ < 125 °C
400
μVrms
VCELL_NOISE3
TCYCLEADC = TCYCLEADC_010
0.1 V ≤ VCELL ≤ 5 V
-40 °C < TJ < 125 °C
200
μVrms
VCELL_NOISE4
TCYCLEADC = TCYCLEADC_011,
TCYCLEADC_100, TCYCLEADC_101,
TCYCLEADC_111
0.1 V ≤ VCELL ≤ 5 V
-40 °C < TJ < 125 °C
150
μVrms
TCYCLEADC_000
Conversion Time to Measure all cells
Tested by SCAN
290
µs
TCYCLEADC_001
Tested by SCAN
1.16
ms
TCYCLEADC_010
Tested by SCAN
2.32
ms
TCYCLEADC_011
Tested by SCAN
9.28
ms
TCYCLEADC_100
Tested by SCAN
18.56
ms
TCYCLEADC_101
Tested by SCAN
37.12
ms
TCYCLEADC_110
Tested by SCAN
74.24
ms
TCYCLEADC_111
Tested by SCAN
148.48
ms
VCELL_OV
Cell Over-voltage Fault Threshold
threshVcellOV
Application info, tested by
SCAN
0
5.80992
V
VCELL_OV_RES
Cell Over-voltage Fault Threshold
Resolution
Design info
22.784
mV
VCELL_UV
Cell Under-voltage Fault Threshold
threshVcellUV
Application info, tested by
SCAN
0
5.80992
V
VCELL_UV_RES
Cell Under-voltage Fault Threshold
Resolution
Design info
22.784
mV
VCELL_BAL_UV_Δ
Cell Balance Under-voltage Fault
Threshold
Vcell_bal_UV_delta_thr
Application info,
Tested by SCAN
0
5
V
VCELL_BAL_UV_RES
Cell Balance Under-voltage Fault
Threshold Resolution
Design info
22.784
mV
RLPF_OPEN
Equivalent open resistance in series to
Cn pin
Application info
4
KΩ
VCxOPEN
Cx open threshold for series resistor
Application info.
Maximum voltage drop on
the series resistor. To
prevent excessive leakage
from differential filtering
capacitor
Tested by SCAN
200
mV
IOPEN_DIAG_CX
Pulldown current used for cell open load
detection
For C1..14
40
50
60
μA
IOPEN_DIAG_C0
For C0
-60
-50
-40
μA
VADC_CROSS_FAIL
Critical mismatch between ADC results
causing cross-check failure
Tested by SCAN
20
mV
TCxOPEN_SET
Settling time for cell open diagnostics
Tested by SCAN
0.7
ms
L9963E
Cell voltage measurement
DS13636 - Rev 4
page 42/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com