Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 2Page - STMicroelectronics L9963E Datasheet HTML 3Page - STMicroelectronics L9963E Datasheet HTML 4Page - STMicroelectronics L9963E Datasheet HTML 5Page - STMicroelectronics L9963E Datasheet HTML 6Page - STMicroelectronics L9963E Datasheet HTML 7Page - STMicroelectronics L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics L9963E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 184 page
background image
2.2
Pin description
Figure 3. Pin connections (top view)
Table 1. Pin function
Pin #
Pin name
Description
I/O type(1)
1
GPIO8_ SCK
General-purpose I/O / Serial clock input (SPI). Its configuration is locked to
Digital Input in case SPIEN = 1. Refer to Section 4.9 General purpose I/O:
GPIOs. Generally used to sense NTCs when not configured as SPI. Refer to
Section 6.9 NTC analog front end.
DO/DI/AI
2
GPIO9_ SDO
General-purpose I/O / Serial data output (SPI). Its configuration is locked to
Digital Output in case SPIEN = 1. Refer to Section 4.9 General purpose I/O:
GPIOs. Generally used to sense NTCs when not configured as SPI. Refer to
Section 6.9 NTC analog front end.
DO/DI/AI
3
ISOLp_SDI
Non-inverting, low-side isolated serial communication port (isolated SPI) / Serial data
input (SPI). Its configuration is locked to Digital Input in case SPIEN = 1. Refer to
Section 4.2 Serial communication interface. When used as isolated SPI, refer to
Section 6.8 ISO lines circuit.
DI/AIO
4
ISOLm_NCS
Inverting, low-side isolated serial communication port (isolated SPI) / Active low,
Chip-Select input (SPI). Its configuration is locked to Digital Input in case SPIEN =
1. Refer to Section 4.2 Serial communication interface. When used as isolated SPI,
refer to Section 6.8 ISO lines circuit.
DI/AIO
L9963E
Pin description
DS13636 - Rev 4
page 6/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com