Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics L9963E Datasheet HTML 73Page - STMicroelectronics L9963E Datasheet HTML 74Page - STMicroelectronics L9963E Datasheet HTML 75Page - STMicroelectronics L9963E Datasheet HTML 76Page - STMicroelectronics L9963E Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 184 page
background image
Figure 21. GPIO open resistance vs. temperature
0
50
100
150
200
250
300
350
400
450
500
TEMPERATURE [°C]
Ropen @Idiag=25uA
Ropen @Idiag=40uA
Ropen @Idiag=10uA
The proposed solution works fine in the whole cell operating temperature range. For very high and abnormal
cell temperatures (greater than 90°C), a GPIOx_OPEN failure could be triggered when performing GPIO open
diagnostic.
For further details see Section 4.12 Voltage conversion routine.
4.11.18
GPIO OT/UT (UV/OV) and fast charge OT diagnostic (GPIO3-9)
It is possible to select the value for the Overvoltage threshold (VGPIOAN_UT) as well as for the Undervoltage
threshold (VGPIOAN_OT) of the analog voltages applied on GPIO pins. These diagnostics are available for
GPIO3-9, if configured as analog input.
Dedicated OV/UT (GPIOx_UT_TH) and UV/OT (GPIOx_OT_TH) thresholds are available for each GPIO3-9.
Individual OT/UT failures can be masked via dedicated Gpiox_OT_UT_MSK mask bit.
It is also possible to specify an increment (VGPIO_FASTCH_OT_DELTA) of the undervoltage threshold VGPIOAN_OT.
This increment, programmable via Gpio_fastchg_OT_delta_thr bit, will determine the position of the Fast
Charge Undervoltage threshold (VFASTCHG_OT_TH). Purpose of this diagnostic is providing an additional OT
threshold to help MCU understanding when switching from fast charge (high DC current) to low power charge,
thus preventing excessive overheating during the battery charging process.
The failure can be masked through the Gpiox_fastchg_OT_MSK bit. The actual fast charge undervoltage
threshold will be placed according to the following formula:
VFASTCHG_OT_TH=VGPIOAN_OT+VGPIO_FASTCH_OT_DELTA
(13)
This diagnostic can be used in application to monitor Overtemperature/Undertemperature events on external
NTCs: UV is related to Overtemperature while OV is related to Undertemperature.
If voltage (measured using TCYCLEADC_000) is higher than the VGPIOAN_UT threshold or lower than VGPIOAN_OT
threshold:
•
Corresponding fault flag is set and latched into VGPIO_OT_UT register;
•
Fault is propagated through the FAULT Line;
•
Conversion routine goes into Configuration Override.
GPIO UT/OT failures can be masked via Gpiox_OT_UT_MSK bit. When masking is activated:
L9963E
Safety and diagnostic features
DS13636 - Rev 4
page 73/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com