Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics L9963E Datasheet HTML 73Page - STMicroelectronics L9963E Datasheet HTML 74Page - STMicroelectronics L9963E Datasheet HTML 75Page - STMicroelectronics L9963E Datasheet HTML 76Page - STMicroelectronics L9963E Datasheet HTML 77Page - STMicroelectronics L9963E Datasheet HTML 78Page - STMicroelectronics L9963E Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 184 page
background image
4.11.22
Communication integrity
The communication frame is checked and verified to ensure the information is valid.
A Cyclic Redundancy Check (CRC) is used to ensure the serial data read from L9963E is valid and has not been
corrupted even in application environments of high noise. For further information, refer to Section 4.2.4.6 CRC
calculation.
4.11.23
Communication loss detection
In case no valid communication frame is received for t > t_SLEEP (programmable via CommTimeout bit), the
Comm_timeout_flt latch is set and the device moves to Sleep or Silent Balancing state, depending on the
slp_bal_conf bit.
In a vertical interface arrangement, any command addressing a slave unit will pass through the whole chain, thus
serving the communication timeout for all the units. On the contrary, polling the Master unit is not a good strategy
to refresh the communication timeout.
Communication timeout is enabled by default, but can be disabled by programming comm_timeout_dis = ‘1’.
For further information about Master and Slaves, refer to Section 4.2.1 Communication interface selection.
4.11.24
Rolling counter
To improve fault coverage on unintended message repetition, a rolling counter functionality has been
implemented. MCU can send a MOSI frame setting a certain value for the Rolling Counter bit (LSB of the Global
Status Word (GSW)). L9963E will answer setting the same Rolling Counter value in the next communication
iteration (protocol is out of frame). So that this safety mechanism to be effective, MCU should continuously toggle
the rolling counter bit each MOSI frame.
4.11.25
Trimming and calibration data integrity check
This safety mechanism checks:
•
The trimming and calibration data stored in internal EEPROM. This is done everytime the NVM is
downloaded (EEPROM_DWNLD_DONE 0 → 1). In case one of the EEPROM sectors is corrupted, the
following error bit will be set:
–
EEPROM_CRC_ERR_SECT_0 covers the trimming data
–
EEPROM_CRC_ERR_CAL_RAM covers the calibration data used by the Voltage Conversion
Routine
–
EEPROM_CRC_ERR_CAL_FF covers the calibration data used by the Coulomb Counting Routine
•
The data loaded into RAM, everytime it is requested by the Voltage Conversion Routine and Coulomb
Counting Routine. In case of error, the following bit will be set:
–
RAM_CRC_ERR covers the data stored in RAM
–
The RAM correct functionality is guaranteed by BIST
NVM is downloaded upon first power up. Manual connection of battery cells might cause first power up failure due
to slow stack voltage increase. In such a case, NVM first download might fail. Once the device has been correctly
woken up, MCU shall check all the NVM error bit and, in case of data corruption, trimming data re-download can
be triggered by attaining to the following procedure:
1.
Set trimming_retrigger = ‘1’;
2.
Wait for Inter-frame Delay;
3.
Set trimming_retrigger = ‘0’;
4.
Check all NVM error bit to confirm trimming and calibration data integrity;
5.
Wait for at least timeout_VCOM_UP_first before executing any conversion.
4.11.26
FAULT heart beat
The heart beat functionality of the fault line guarantees continuous fault line integrity monitoring. Moreover,
it acts as a windowed watchdog, where every stacked device monitors its upper companion. Refer to
Section 4.3 FAULT line for further information.
L9963E
Safety and diagnostic features
DS13636 - Rev 4
page 75/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com