Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 34Page - STMicroelectronics L9963E Datasheet HTML 35Page - STMicroelectronics L9963E Datasheet HTML 36Page - STMicroelectronics L9963E Datasheet HTML 37Page - STMicroelectronics L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 184 page
background image
For all other units, the detection criteria are adapted to the FAULT line configuration programmed by
HeartBeat_En bit, as shown in the table below.
Table 35. FAULTH filtering strategies
L9963E State
Configuration
Fault detection condition
Description
Normal
HeartBeat_En = 1
FAULTH = 1 for t > TFIL_H_LONG
Static ‘1’ detected on FAULTH pin,
FaultHline_fault = 1
FAULTH = 0 for t > 1.2*THB_CYCLE
Absence of heartbeat from upper device,
HeartBeat_fault = 1
HeartBeat_En = 0 FAULTH = 1 for t > TFIL_H_SHORT
High logic level detected on FAULTH pin,
FaultHline_fault = 1
Sleep, Silent
Balancing, Cyclic
Wakeup
HeartBeat_En = X FAULTH = 1 for t > TFIL_H_SHORT
High logic level detected on FAULTH pin,
FaultHline_fault = 1
The MCU at the bottom of the chain is supposed to adopt the filtering strategy described in Table 35 for failure
detection.
Summary of L9963E fault line configurations is available in the following table:
Table 36. Summary of L9963E FAULT line configurations
FaultH_EN HeartBeat_En Farthest_Unit
L9963E behavior
Optimized for
0
0
0
FAULTH receiver disabled. The FAULTH line pin is
considered Low whatever its value is.
FAULTL operates in static logic mode and can be set
static high by internal fault only
Topmost unit of the
chain in static logic
value configuration
0
0
1
0
1
0
0
1
1
FAULTH receiver disabled. The FAULTH line pin is
considered Low whatever its value is.
FAULTL operates in heartbeat mode and can be set
static high by internal fault only
Topmost unit of the
chain in heartbeat
configuration
1
0
0
FAULTH receiver enabled with short filter
(TFIL_H_SHORT) because HeartBeat signal is not
possible.
FAULTL operates in static logic mode and can be set
static high by both external and internal fault
Unit in the middle of
the chain or transceiver,
in static logic value
configuration
1
0
1
FAULTH receiver disabled. The FAULTH line pin is
considered Low whatever its value is, because the
Farthest Unit considers FaultH_EN = 0 whatever
FaultH_EN value is.
FAULTL operates in static logic mode and can be set
static high by internal fault only
Topmost unit of the
chain in static logic
value configuration
1
1
0
FAULTH receiver enabled with long filter
(TFIL_H_LONG) because HeartBeat signal is possible
FAULTL operates in heartbeat mode and can be set
static high by both external and internal fault
Unit in the middle of the
chain or transceiver, in
heartbeat configuration
1
1
1
FAULTH receiver disabled. The FAULTH line pin
is considered Low whatever its value is because
the Farthest Unit always considers FaultH_EN = 0
whatever FaultH_EN value is.
FAULTL operates in heartbeat mode and can be set
static high by internal fault only
Topmost unit of the
chain in heartbeat
configuration
L9963E
FAULT line
DS13636 - Rev 4
page 38/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com