Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 33Page - STMicroelectronics L9963E Datasheet HTML 34Page - STMicroelectronics L9963E Datasheet HTML 35Page - STMicroelectronics L9963E Datasheet HTML 36Page - STMicroelectronics L9963E Datasheet HTML 37Page - STMicroelectronics L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 184 page
background image
4.3.1
State transitions in case of failure detection
FAULT line is functional in the following states: Normal, Cyclic Wakeup, Silent Balancing and Sleep.
Table 33. FAULT line functionality and L9963E states
State
Functions available
State transition in case of failure
Normal
Fault self-detection and propagation. Heartbeat generation.
None
Cyclic Wakeup
Fault self-detection (during ON phase) and propagation (always)
Go to Normal
Silent Balancing Fault propagation
Go to Normal (in case of external failure)
Sleep
Fault propagation
Go to Normal (in case of external failure)
4.3.2
FAULT line configuration
In case a failure is detected, the FAULTL pin is driven to its active state, while if no failure occurs, the FAULTL
pins holds its inactive value. Pin states depend on FAULT line configuration (selectable via the HeartBeat_En bit)
and on L9963E state.
Table 34. FAULTH line configuration and FAULTL pin states
L9963E State
HeartBeat_En
FAULTL Inactive state
FAULTL Active state
Normal
0
Low
High
1
Programmable PWM
High
Sleep, Silent Balancing, Cyclic Wakeup
X
Low
High (once moved to Normal)
The FAULT line stays asserted and L9963E is kept in Normal unless communication timeout occurs. The MCU is
responsible for clearing any fault latch. Once all failures are cleared, the FAULTL pin returns to its inactive state.
When the heartbeat is activated, the PWM period THB_CYCLE can be programmed via the HeartBeatCycle
register. The pulse duration in the inactive state is fixed to THB_PULSE. The heartbeat presence allows to
guarantee the integrity of the FAULT line. Moreover, each L9963E is capable of sensing its upper companion
activity by monitoring the heartbeat continuity.
In case the heartbeat is disabled, the MCU can still verify the continuity of the FAULT line by forcing the unit on
the top of the chain to raise its FAULTL pin. This can be done by setting FaultL_force = 1 via SPI.
Before moving L9963E moves to a low power state (Sleep, Cyclic Wakeup or Silent Balancing), MCU must
disable the heartbeat functionality by programming HeartBeat_En = 0. Such an operation must be performed at
least TFIL_H_LONG before sending the broadcast GO2SLP command, in order to avoid false fault detections
(refer to Figure 15 for an example).
4.3.3
Failure sources
There are two failure sources:
•
Internal: L9963E detects a failure (self-detection)
•
External: a failure incoming from an upper unit is being input to the FAULTH pin (propagation)
4.3.3.1
Internal failure detection
If L9963E self-detects a failure, it drives the FAULTL pin to its active state, regardless of any activity on the
FAULTH pin.
For further information about all the failures and the subsequent actions, refer to Section 4.11.28 Safety
mechanisms summary.
4.3.3.2
External failure detection
Failure detection from external sources is sensed on FAULTH pin only if FaultH_EN = ‘1’ and Farthest_Unit =
‘0’. The unit at the top of the stack does not receive any signal input to the FAULTH pin. Hence, external failure
detection must be disabled by setting FaultH_EN = ‘0’ and Farthest_Unit = 1 via SPI.
L9963E
FAULT line
DS13636 - Rev 4
page 37/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com