Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 97 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 97 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 93Page - STMicroelectronics L9963E Datasheet HTML 94Page - STMicroelectronics L9963E Datasheet HTML 95Page - STMicroelectronics L9963E Datasheet HTML 96Page - STMicroelectronics L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics L9963E Datasheet HTML 100Page - STMicroelectronics L9963E Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 184 page
background image
Operation
Skip condition
B10_9 – S9 Open / Short
VCELL9_EN = 0
S10 – B10_9 Open / Short
VCELL10_EN = 0
B12_11 – S11 Open / Short
VCELL11_EN = 0
S12 – B12_11 Open / Short
VCELL12_EN = 0
B14_13 – S13 Open / Short
VCELL13_EN = 0
S14 – B14_13 Open / Short
VCELL14_EN = 0
The step duration is fixed: it lasts 2*TBAL_OL.
The following failures can be flagged during balance terminal diagnostics step execution, thus causing
Configuration Override:
•
BALX_OPEN: if the voltage drop on the VDS of the balance power MOS of becomes lower than VBAL_OPEN.
4.12.3.7
Hardware Self-Check (HWSC)
HWSC is the seventh step of the voltage conversion routine. It is optional:
•
To include it in On-Demand Conversions, the HWSC bit must be set along with the SOC in the same SPI
frame.
•
To specify its periodicity in Cyclic Conversions, the NCYCLE_HWSC field must be programmed (refer to
Section 4.12.4 Operations periodicity).
During this step, a BIST will be executed on enabled analog conversion paths to verify the functionality of the
ADC chain. Analog comparators used for UV/OV detection and diagnostics will also be checked.
Table 66. Operations performed during HWSC step
Operation
Skip condition
CX to ADC
Never
GPIO3-9 to ADC
Never
VBAT UV/OV comparator
Never
VREG UV/OV comparator
Never
VCOM UV/OV comparator
Never
VTREF UV/OVcomparator
Never
Bx_x-1 to ADC
Never
Sx to ADC
Never
Bx_x-1/Sx-1 Open/Short comparator (even cells)
Never
Sx/Bx_x-1 Open/Short comparator (odd cells)
Never
The step duration is fixed: it lasts 3*TCYCLEADC_000 (refer to Table 38).
The following failures can be flagged during HWSC step execution, thus causing Configuration Override:
•
MUX_BIST_FAIL: if a failure is found while converting the Cx paths connected to the analog MUX
•
OPEN_BIST_FAIL: if a failure is found while converting the Sx/Bx_x-1 paths connected to the analog MUX
•
GPIO_BIST_FAIL: if a failure is found while converting the GPIOx paths connected to the analog MUX
•
VBAT_COMP_BIST_FAIL: if the BIST on the VBAT UV/OV comparator fails
•
VREG_COMP_BIST_FAIL: if the BIST on the VREG UV/OV comparator fails
•
VCOM_COMP_BIST_FAIL: if the BIST on the VCOM UV/OV comparator fails
•
VTREF_COMP_BIST_FAIL: if the BIST on the VTREF UV/OV comparator fails
•
BIST_BAL_COMP_HS_FAIL: if the BIST on the balance open/short comparator of the High Side switches
fails (even cells)
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 97/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com