Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 36Page - STMicroelectronics L9963E Datasheet HTML 37Page - STMicroelectronics L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics L9963E Datasheet HTML 41Page - STMicroelectronics L9963E Datasheet HTML 42Page - STMicroelectronics L9963E Datasheet HTML 43Page - STMicroelectronics L9963E Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 184 page
background image
4.4
Cell voltage measurement
A level shifter is able to report the cell voltage at the input of the low voltage cell ADC.
All cells are acquired in parallel, with no desynchronization between samples. Immunity to differential noise can
be increased tuning the acquisition window TCYCLEADC.
The user may program the voltage acquisition window TCYCLEADC among 8 different values:
•
The whole option set is available for both ADC_FILTER_SOC and ADC_FILTER_CYCLE. These
parameters apply respectively to On-Demand Conversions and Cyclic Conversions
•
The first 4 rows are available for ADC_FILTER_SLEEP configuration. This parameter applies to Cyclic
Conversions performed in Cyclic Wakeup
For further information, refer to Section 4.12 Voltage conversion routine.
Table 38. Selection of the ADC filter values
Parameter
Code Window amplitude (typ)
Recommended wait time
TDATA_READY
Minimum sample time
achievable TSAMPLE_MIN
TCYCLEADC_000 000
290 μs
380 μs
760 μs
TCYCLEADC_001 001
1.16 ms
1.34 ms
2.68 ms
TCYCLEADC_010 010
2.32 ms
2.61 ms
5.22 ms
TCYCLEADC_011
011
9.28 ms
10.27 ms
20.54 ms
TCYCLEADC_100 100
18.56 ms
20.48 ms
40.96 ms
TCYCLEADC_101 101
37.12 ms
40.89 ms
81.78 ms
TCYCLEADC_110
110
74.24 ms
81.72 ms
163.44 ms
TCYCLEADC_111
111
148.48 ms
163.4 ms
326.8 ms
Cell measurement results are stored in Vcellx registers and are 16-bit wide. To obtain the result, apply the
following formula:
Cell voltage measurement
VCELL=BINARY_CODE×VCELLRES
(2)
After launching a cell conversion, the MCU should wait at least for the recommended wait time TDATA_READY
before retrieving the cell data. This allows L9963E to perform sample interpolation and calibration.
The data readiness is confirmed by the assertion of:
•
d_rdy_Vcellx bit for VCELLx registers
•
d_rdy_gpiox bit for GPIOx_MEAS registers
•
d_rdy_vtref bit for VTREF register
•
data_ready_vbattdiv for VBATT_DIV register
•
data_ready_vsum for vsum_batt19_0 register
Polling the data ready bit is possible but not recommended, since it causes a higher consumption from the battery
stack due to communication.
Note:
If Coulomb Counting Routine is activated, MCU should add TCYCLEADC_CUR to the TDATA_READY wait time
in order to account for the maximum synchronization delay between voltage and current samples. For further
information refer to Section 4.13.1 Coulomb counting.
Before launching another conversion, MCU should wait at least for the recommended minimum TSAMPLE in order
to avoid conflict with previous conversions. In case this happens, the new request will be discarded.
Hence, given a differential signal with bandwidth BW:
•
The MCU should sample it using at least TSAMPLE = 1 / 2BW, in order to fulfill Nyquist criterion
–
All the TCYCLEADC_XXX values in Table 38, whose TSAMPLE_MIN is lower than TSAMPLE can be
exploited in application;
L9963E
Cell voltage measurement
DS13636 - Rev 4
page 40/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com