Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 85Page - STMicroelectronics L9963E Datasheet HTML 86Page - STMicroelectronics L9963E Datasheet HTML 87Page - STMicroelectronics L9963E Datasheet HTML 88Page - STMicroelectronics L9963E Datasheet HTML 89Page - STMicroelectronics L9963E Datasheet HTML 90Page - STMicroelectronics L9963E Datasheet HTML 91Page - STMicroelectronics L9963E Datasheet HTML 92Page - STMicroelectronics L9963E Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 184 page
background image
Registers containing measurement results are updated as soon as the related conversion step is over, so they are
available before TROUTINE ends. Each measurement register contains a d_rdy_xx (data ready) bit, which is set
when a new measurement incomes and is reset upon a data read operation.
Upon an on-demand conversion (SOC), the first step of the voltage conversion routine (cell measurement) is
delayed until the first available current conversion start pulse comes. Hence, the cell measurement will start
synchronously with the current sample acquisition. This technique is effective only choosing the shortest filter
option for voltage conversion routines (TCYCLEADC_000).
On-Demand Conversions have lower priority than Configuration Override. When SOC 0 → 1:
•
If a Configuration Override is ongoing, it won’t be affected by SOC command. Therefore SOC,
GPIO_CONV and DIAG bit will be discarded and kept ‘0’.
4.12.2.2
Cyclic conversions
To start Cyclic Conversions, the user must set CONF_CYCLIC_EN = 1 in the ADCV_CONV register. The
ADC_FILTER_CYCLE determines the duration of the routine steps. Cyclic Conversions activity can be used for
both diagnostic and measurement purposes:
•
In case the routine is only intended for diagnostic purposes, the user may program CYCLIC_UPDATE
= 0. This setting will cause any conversion result to be used only for internal comparisons. Data will be
subsequently discarded and registers containing measurement results won’t be updated.
•
In case measurement results are important, the user may program CYCLIC_UPDATE = 1, thus causing
measurement registers update upon each step completion, as for On-Demand Conversions. Be aware that
results of a previous on-demand conversion might be overwritten by the ones of cyclic executions.
Two counters are implemented for driving the cyclic execution:
•
TCYCLE is an SPI programmable timer accounting for cycle period. User can program the TCYCLE field in
the ADCV_CONV register.
•
NCYCLE is an internal counter, incremented by 1 every time TCYCLE expires: it counts the number of
cycles executed. It works in conjunction with the NCYCLE_X parameters to determine the periodicity of
each routine step (refer to Section 4.12.4 Operations periodicity). In general, each step is executed if its
NCYCLE_X parameter is different than 0.
TCYCLE and NCYCLE shall not be updated while Cyclic Conversions are ongoing: routine must be first
disabled by programming CONF_CYCLIC_EN = 0 and then re-enabled once all configuration parameters have
been updated.
Such counters are started/stopped upon FSM transitions. The following table summarizes all events involving the
two timers:
Table 57. Summary of the NCYCLE and TCYCLE events
Event
NCYCLE
TCYCLE
Effect on routine
Routine active phase
(TROUTINE)
Frozen
Counting
Steps are being performed
Routine idle phase
Frozen
Counting
No step is being performed
TCYCLE expiration
NCYCLE = NCYCLE + 1
Restarted from 0
Routine restarted from first step
CONF_CYCLIC_EN → 1
no action
Reset and start from 0
Routine initialized and started. See
Table 58 for additional information
CONF_CYCLIC_EN 1 → 0
Wait for idle phase
(DUTY_ON 1 → 0), then
Stop and Reset
Wait for idle phase
(DUTY_ON 1 → 0), then
Stop and Reset
Routine disabled and reset after
the active phase completion. See
Table 58 for additional information
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 89/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com