Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 92Page - STMicroelectronics L9963E Datasheet HTML 93Page - STMicroelectronics L9963E Datasheet HTML 94Page - STMicroelectronics L9963E Datasheet HTML 95Page - STMicroelectronics L9963E Datasheet HTML 96Page - STMicroelectronics L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics L9963E Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 184 page
background image
During this step, the cell terminal open diagnostic will be performed on all enabled cells.
Table 64. Operations performed during cell terminal diagnostics step
Operation
Skip condition
C0 Open
VCELL1_EN = 0
C1 Open
VCELL1_EN = 0
C2 Open
VCELL2_EN = 0
C3 Open
VCELL3_EN = 0
C4 Open
VCELL4_EN = 0
C5 Open
VCELL5_EN = 0
C6 Open
VCELL6_EN = 0
C7 Open
VCELL7_EN = 0
C8 Open
VCELL8_EN = 0
C9 Open
VCELL9_EN = 0
C10 Open
VCELL10_EN = 0
C11 Open
VCELL11_EN = 0
C12 Open
VCELL12_EN = 0
C13 Open
VCELL13_EN = 0
C14 Open
VCELL14_EN = 0
The step duration is not fixed, since it lasts 2*(TCxOPEN_SET + TCYCLEADC), thus depending on the value
programmed in the ADC_FILTER_SOC or ADC_FILTER_CYCLE fields (refer to Table 38).
The following failures can be flagged during cell terminal diagnostics step execution, thus causing Configuration
Override:
•
CELLX_OPEN: for all enabled cells, if the voltage drop on the path in series to the Cx pin becomes higher
than VCxOPEN.
4.12.3.6
Balance terminal diagnostics
Balance terminal diagnostics is the sixth step of the voltage conversion routine. It is optional:
•
To include it in On-Demand Conversions, the BAL_TERM_CONV bit must be set along with the SOC in
the same SPI frame.
•
To specify its periodicity in Cyclic Conversions, the NCYCLE_BAL_TERM field must be programmed (refer
to Section 4.12.4 Operations periodicity).
During this step, the balance terminal open diagnostic will be performed on all enabled cells.
Table 65. Operations performed during balance terminal diagnostics step
Operation
Skip condition
B2_1 – S1 Open / Short
VCELL1_EN = 0
S2 – B2_1 Open / Short
VCELL2_EN = 0
B4_3 – S3 Open / Short
VCELL3_EN = 0
S4 – B4_3 Open / Short
VCELL4_EN = 0
B6_5 – S5 Open / Short
VCELL5_EN = 0
S6 – B6_5 Open / Short
VCELL6_EN = 0
B8_7 – S7 Open / Short
VCELL7_EN = 0
S8 – B8_7 Open / Short
VCELL8_EN = 0
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 96/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com