Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 66Page - STMicroelectronics L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics L9963E Datasheet HTML 73Page - STMicroelectronics L9963E Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 184 page
background image
Figure 20. Equivalent open resistance vs.cell voltage
In case of balance open detection on an enabled cell:
•
Corresponding fault flag is set and latched into BALX_OPEN register
•
Fault is propagated through the FAULT Line
•
Voltage conversion routine goes into Configuration Override
For further details see Section 4.12 Voltage conversion routine.
This safety mechanism is also able to detect loss of cell PCB connector. In fact, if Celln positive terminal is
disconnected from PCB, both BALn_OPEN and BALn+1_OPEN failures will be flagged. Two exceptions:
•
If PCB connector to cell14 positive terminal (C14) is lost, only BAL14_OPEN flag will be set
•
If PCB connector to cell1 negative terminal (C0), CELL0_OPEN flag will be set
4.11.9
Balancing short load diagnostic
The detection of the short load is implemented through the detection of overcurrent: if the balance current
exceeds the overcurrent threshold IBAL_OC for a time longer than TBAL_OVC_DEGLITCH a diagnostic short fault is
reported. Such a diagnostic is active during Power balance ON condition.
Balance comparator has a self test mechanism used to check internal integrity. In case BIST fails
(BIST_BAL_COMP_HS_FAIL or BIST_BAL_COMP_LS_FAIL), balancing is stopped.
In case of short detection:
•
Corresponding fault flag is set and latched into register BALx_SHORT
•
Fault is propagated through the FAULT Line
•
Balance is stopped on the involved cell
Balance short detection is always active, even in low power modes (Silent Balancing, Cyclic Wakeup). When a
failure is detected in low power states, balancing will be immediately stopped; however, the device will not wake
up. FAULT Line and related fault latch will be triggered once the device has moved to Normal, following a wake
up condition.
4.11.10
Balancing secondary timing
Secondary balancing timer is used to avoid over-discharge when manual balancing stop command
communication failure or primary balancing timer function disorder happen.
L9963E
Safety and diagnostic features
DS13636 - Rev 4
page 70/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com