Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 95 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 91Page - STMicroelectronics L9963E Datasheet HTML 92Page - STMicroelectronics L9963E Datasheet HTML 93Page - STMicroelectronics L9963E Datasheet HTML 94Page - STMicroelectronics L9963E Datasheet HTML 95Page - STMicroelectronics L9963E Datasheet HTML 96Page - STMicroelectronics L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics L9963E Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 184 page
background image
Operation
Skip condition
GPIO5
GPIO5_CONFIG != 00
GPIO6
GPIO6_CONFIG != 00
GPIO7
GPIO7_CONFIG != 00
GPIO8
GPIO8_CONFIG != 00
GPIO9
GPIO9_CONFIG != 00
The step duration is fixed: it lasts TCYCLEADC_000 (refer to Table 38).
The following failures can be flagged during GPIO conversion step execution, thus causing Configuration
Override:
•
GPIOX_OT: if the converted voltage is lower than the programmed UV/OT threshold (VGPIOAN_OT).
•
GPIOX_UT: if the converted voltage is higher than the programmed OV/UT threshold (VGPIOAN_UT).
•
GPIOX_fastchg_OT: if the converted voltage is lower than the programmed fast charge UV/OT
threshold (VGPIOAN_OT + VGPIO_FASTCH_OT_DELTA); this function can be masked with a dedicated bit
(Gpiox_fastchg_OT_MSK).
4.12.3.4
GPIO terminal diagnostics
GPIO terminal diagnostics is the fourth step of the voltage conversion routine. It is optional:
•
To include it in an On-Demand Conversions, the GPIO_TERM_CONV bit must be set along with the SOC
in the same SPI frame.
•
To specify its periodicity in Cyclic Conversions, the NCYCLE_GPIO_TERM field must be programmed
(refer to Section 4.12.4 Operations periodicity).
During this step, the GPIO open diagnostic will be performed on all GPIOs configured as analog inputs.
Table 63. Operations performed during GPIO terminal diagnostics step
Operation
Skip condition
GPIO1 Open
Always
GPIO2 Open
Always
GPIO3 Open
GPIO3_CONFIG != 00
GPIO4 Open
GPIO4_CONFIG != 00
GPIO5 Open
GPIO5_CONFIG != 00
GPIO6 Open
GPIO6_CONFIG != 00
GPIO7 Open
GPIO7_CONFIG != 00
GPIO8 Open
GPIO8_CONFIG != 00
GPIO9 Open
GPIO9_CONFIG != 00
The step duration is fixed: it lasts TGPIO_OPEN_SET + TCYCLEADC_000 (refer to Table 38).
The following failures can be flagged during GPIO terminal diagnostics step execution, thus causing
Configuration Override:
•
GPIOX_OPEN: if VGPIO < VGPIO_OL while IGPIO_PD_OPEN is applied
4.12.3.5
Cell terminal diagnostics
Cell terminal diagnostics is the fifth step of the voltage conversion routine. It is optional and its execution mode
depends on the ADC_CROSS_CHECK bit (refer to Cell open wire diagnostic for further information):
•
To include it in On-Demand Conversions, the CELL_TERM_CONV bit must be set along with the SOC in
the same SPI frame.
•
To specify its periodicity in Cyclic Conversions, the NCYCLE_CELL_TERM field must be programmed
(refer to Section 4.12.4 Operations periodicity).
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 95/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com