Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 24Page - STMicroelectronics L9963E Datasheet HTML 25Page - STMicroelectronics L9963E Datasheet HTML 26Page - STMicroelectronics L9963E Datasheet HTML 27Page - STMicroelectronics L9963E Datasheet HTML 28Page - STMicroelectronics L9963E Datasheet HTML 29Page - STMicroelectronics L9963E Datasheet HTML 30Page - STMicroelectronics L9963E Datasheet HTML 31Page - STMicroelectronics L9963E Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 184 page
background image
Figure 13. Single read access
Frame fields are described in the table below:
Table 20. Single access frames field description
Field
Length
Value
Description
P.A.
1 bit
0
Answer sent by any Slave unit (MISO)
1
Command sent by Master unit (MOSI)
R/W
1 bit
0
Read
1
Write
Dev ID
5 bit
From 0x1 to 0x1F
Identifies the x-th L9963E unit in a daisy chain
Address
7 bit
From 0x00 to 0x5F
Identifies the y-th register of the device
Address
feedback
GSW
2 bit
From 0x0 to 0x3
Refer to Section 4.2.4.5 Global Status Word (GSW)
DATA WRITE
18 bit
Depends on the register
Data to be written in the y-th register of the x-th device. It is discarded
in case of READ command.
CRC
6 bit
From 0x00 to 0x3F
CRC calculated on the [39-7] field of the frame. Refer to
Section 4.2.4.6 CRC calculation
Burst
1 bit
0
Answer to a single access command
DATA READ
18 bit
Depends on the register
Answer containing the data read from the y-th register of the y-th
device
L9963E
Serial communication interface
DS13636 - Rev 4
page 28/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com