Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 5Page - STMicroelectronics L9963E Datasheet HTML 6Page - STMicroelectronics L9963E Datasheet HTML 7Page - STMicroelectronics L9963E Datasheet HTML 8Page - STMicroelectronics L9963E Datasheet HTML 9Page - STMicroelectronics L9963E Datasheet HTML 10Page - STMicroelectronics L9963E Datasheet HTML 11Page - STMicroelectronics L9963E Datasheet HTML 12Page - STMicroelectronics L9963E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
3
Product electrical ratings
3.1
Operating range
Within the operating range the part operates as specified and without parameter deviations. The device may not
operate properly if maximum operating conditions are exceeded.
Once taken beyond the operative ratings and returned back within, the part will recover with no damage or
degradation, unless the AMR are exceeded.
Additional supply voltage and temperature conditions are given separately at the beginning of each electrical
specification table.
All voltages are related to the potential at substrate ground AGND, unless otherwise noted.
Table 2. Operating ranges
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBAT
Global
Supply voltage
9.6
64
V
Transient operation, 40 ms pulse,
repetitive as per VDA320 E48-02
test.
64
70
V
VBAT, VREG, VCOM, VTREF
Supply voltage in case of
transceiver use only (see
Section 6.12 Transceiver mode)
4.6
5
5.4
V
C0
Global
Lower Cell Terminal Voltage
-0.3
0.3
V
B(n,n-1); Sn
Global
Cell Terminal Voltage
0
VBAT
V
C(n) for n=1 to 9
Global
Cell Terminal Voltage
0
VBAT – 4.5
V
C(n) for n=10 to 14
Global
Cell Terminal Voltage
3
VBAT + 0.3
V
C(n)-C(n-1) for n=1 to 14
Cell Terminal Differential Voltage
0
4.7
V
S(n+1)-B(n+1,n); B(n+1,n)-S(n)
for n=1 to 13 odd
Cell Balance Terminal Differential
Voltage
0
4.7
V
C(n)-S(n) for n=1 to 14
Cell Terminal Differential Voltage
0
4.7
V
VBAT – C(14)
Battery / high Terminal Differential
Voltage
-0.3
61
V
ISOHP/M, ISOLP/M
Global
-0.3
VCOM
V
GPIOn
Local
-0.3
VCOM
V
SPIEN
Local
-0.3
VCOM
V
VTREF
Local
5
V
|ISENSEP – ISENSEM|
Local
CSA Input Differential Mode
Range
-0.15
0.15
V
|ISENSEP + ISENSEM| / 2
Local
CSA Input Common Mode Range
(Referenced to GNDREF)
-0.225
0.225
V
VCOM
Local
5
V
VANA
Local
Info only
3.3
V
VREG
Local
6.5
V
NPNDRV
Local
VREG-0.3
VREG + 1.5
V
CAP1
Local
0
VBAT
V
CAP2
Local
VREG
VBAT + VREG
V
L9963E
Product electrical ratings
DS13636 - Rev 4
page 9/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com