Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 15Page - STMicroelectronics L9963E Datasheet HTML 16Page - STMicroelectronics L9963E Datasheet HTML 17Page - STMicroelectronics L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics L9963E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 184 page
background image
Table 10. Operations in Cyclic Wakeup state
Operation
Timing mode
Functions involved
Battery fast OV/UV
Always ON
Threshold Comparator
Battery OV/UV
Once
ADCV measurements vs. threshold
Cells OV/UV
Once
ADCV measurements vs. threshold
GPIO OT/UT
Once
ADCV measurements vs. threshold
OC Monitor
Always ON
ADCC measurements vs. threshold
OT Monitor
Always ON
ADCT measurements vs. threshold
GPO Short Detection
Always ON
Logical Comparison
Clock Monitor
Always ON
Frequency comparison to secondaty monitor
Downward Fault Signalling
Always
Receivers and Transmitters
Cell Open
Once
ADCV measurements vs. threshold
Balancing Open
Once
Voltage Comparator, Timer
Wake up Management
Always ON
Wake up logic and wakeup sources interfaces ON
Cyclic operations have their own periods written by MCU in specific SPI registers.
In case the “On-demand” and “cyclic” timing modes are both possible, an “on-demand” command starts a single
operation immediately, breaking the cyclic period, and resets the cyclic counter.
In GPIO short detection the detection is guaranteed only in the duty phase, if the pin is configured as an output.
4.1.7
Sleep parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 11. Sleep parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TGPIO7_WAKEUP
GPIO7 deglitch filter when used as Wakeup
Source
Tested by SCAN
150
μs
TUV_SHORT_DELAY
Delay after POR. Used to latch VCOM_UV and
VTREF_UV
Tested by SCAN
40
μs
TWAKEUP
Time necessary to complete Wake up from
SLEEP mode (between Wake up source and
VCOM out of UV condition)
2
ms
t_SHUT
Tested by SCAN
60
s
t_SLEEP_00
Communication Timeout
CommTimeout = 00
Tested by SCAN
32
ms
t_SLEEP_01
Communication Timeout
CommTimeout = 01
Tested by SCAN
256
ms
t_SLEEP_10
Communication Timeout
CommTimeout = 10
Tested by SCAN
1024
ms
t_SLEEP_11
Communication Timeout
CommTimeout = 11
Tested by SCAN
2048
ms
tCYCLIC_SLEEP_000
Tested by SCAN
100
ms
tCYCLIC_SLEEP_001
Tested by SCAN
200
ms
tCYCLIC_SLEEP_010
Tested by SCAN
400
ms
L9963E
Device functional state
DS13636 - Rev 4
page 19/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com