Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 32Page - STMicroelectronics L9963E Datasheet HTML 33Page - STMicroelectronics L9963E Datasheet HTML 34Page - STMicroelectronics L9963E Datasheet HTML 35Page - STMicroelectronics L9963E Datasheet HTML 36Page - STMicroelectronics L9963E Datasheet HTML 37Page - STMicroelectronics L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics L9963E Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 184 page
background image
4.2.4.4
Special frames
Table 30. SPI protocol special frames
Frame Type
Frame Code
Frame Issued
Default
0x0000000016
After a wake up event
Not Expected
Frame
0xC1FCFFFC6C
In a Burst access, in case the MCU clocks a number of answer frames higher than
the expected
Timeout Frame
0xC1FCFFFC87 In case no answer is received after the timeout TSPI_ERR.
Busy Frame
0xC1FCFFFCDE
In case the MCU sends a frame while the Master device is still transmitting or waiting
for an answer (TSPI_ERR not expired)
CRC Error Frame
0xC1FCFFFD08
In case a unit configured in SPI mode (SPIEN = 1) receives a corrupted frame. When
a unit is configured in isolated SPI mode (SPIEN = 0), no answer will be issued upong
CRC error detection.
4.2.4.5
Global Status Word (GSW)
The global status word is made of 2 bits. The MSB (bit 25) is dedicated to the the internal fault detection (all
failures except the FAULTH detection), while the LSB (bit 24) implements the Rolling counter:
Table 31. GSW code description
GSW
Description
0X(1) L9963E hasn’t detected any internal failure (but could be propagating a failure from an upper device in the stack)
1X(1) L9963E has detected an internal failure (and could be also propagating a failure from an upper device in the stack)
1. 'X' = don’t care.
The GSW can be exploited by the MCU fault handling routine to understand which device of the daisy chain has
self-detected a failure.
4.2.4.6
CRC calculation
Each frame is equipped with a 6-bit CRC code in order to guarantee information integrity. In case a unit receives a
corrupted frame, it will be discarded.
Table 32. CRC calculation information
CRC
Length
6 bit
Polynomial
X6 + X4 + X3 +1
Seed
0b111000
4.3
FAULT line
The FAULTL/FAULTH pin pair provides an isolated communication interface exploiting optical-isolators to
implement uni-directional transmission of the failure signal from the highest L9963E in the stack down to the
μC.
The FAULT line main purpose is to interrupt the MCU activity in case one of the daisy-chained L9963E detects
a failure. Recommended interrupt handling routine should implement a strategy to detect which of the several
L9963s has self-detected a failure. This can be easily done by sending a communication frame to each L9963E,
reading back the corresponding fault bit of the Global Status Word (GSW).
Any failure is propagated/generated by an upper device via its FAULTL pin. It is then sensed by a lower device on
its FAULTH pin.
For the circuit and the BOM, refer to Section 6.7 FAULT line circuit
L9963E
FAULT line
DS13636 - Rev 4
page 36/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com